PART |
Description |
Maker |
SFF80N10Z |
55 AMP (note 1) /100 Volts 12 mO N-Channel Trench Gate MOSFET 55 A, 100 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Solid State Devices, Inc.
|
BSP372 Q67000-S300 BSP372E-6327 BSP372E6327 |
1.7 A, 100 V, 0.31 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated SIPMOS小信号晶体管(N通道增强模式逻辑层次额定雪崩 1.7 A, 100 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PPF75N10N |
N Channel MOSFET; Package: TO-258; ID (A): 50; RDS(on) (Ohms): 0.025; PD (W): 300; BVDSS (V): 100; Rq: 0.42; 50 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA
|
Microsemi, Corp.
|
MTP10N10EL MTP10N10ELG |
Power MOSFET 10 Amps, 100 Volts, Logic Level; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 100 V, 0.22 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 10 A, 100 V, Logic Level, N−Channel TO−220
|
ON Semiconductor
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDT86113LZ |
100V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 100 V, 3.3 A, 100 m N-Channel PowerTrench? MOSFET 100 V, 3.3 A, 100 m
|
Fairchild Semiconductor
|
FDMS3672 |
N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm 22 A, 100 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
ZXMN10A07Z_04 ZXMN10A07Z ZXMN10A07ZTA ZXMN10A07Z04 |
1000 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100V N-CHANNEL ENHANCEMENT MODE MOSFET
|
ZETEX PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
FDB3632NL |
100V N-Channel PowerTrench MOSFET 12 A, 100 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
FQAF33N10 |
100V N-Channel MOSFET(漏源电压00V的N沟道增强型MOSFET) 25.8 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|