PART |
Description |
Maker |
M50-3102045 M50-3102545 M50-3100345 M50-3105045 M5 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M50-360XX42 |
1.27MM PITCH DIL VERTICAL SMT PIN HEADER
|
Harwin Plc
|
M50-3103745 M50-3103345 M50-3101545 M50-3102745 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 37 37-way 74 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 33 33-way 66 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 15 15-way 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 21 21-way 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
908160004 908163304 908163306 908163308 908160310 |
Picoflex? SMT Latched Header 1.27mm (.050? Pitch Picoflex垄莽 SMT Latched Header 1.27mm (.050隆卤) Pitch Picoflex庐 SMT Latched Header 1.27mm (.050?? Pitch
|
Molex Electronics Ltd.
|
90814-0616 0908140616 |
1.27mm (.050) Pitch Picoflex? PF-50 SMT Header, Vertical, Low Profile 1.27mm (.050") Pitch Picoflex垄莽 PF-50 SMT Header, Vertical, Low Profile
|
Molex Electronics Ltd.
|
M52-5110945 111245 |
1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 12 12-way
|
Harwin PLC HARWIN INC
|
M22-6340342 M22-6342542 M22-6342142 M22-6341442 M2 |
2.00 mm PITCH DIL SMT LOW PROFILE SKT ASSEMBLY 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 21 21-way 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 14 14-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 16 16-way 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin Plc
|
90814-3606 0908143606 |
1.27mm (.050) Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount 1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount
|
Molex Electronics Ltd.
|
0908140618 90814-0618 |
1.27mm (.050) Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount
|
Molex Electronics Ltd.
|
0908140626 |
1.27mm (.050) Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount
|
Molex Electronics Ltd.
|
|