PART |
Description |
Maker |
D1103 D3232 D45D1 D43D6 D45D3 D45D5 DG189AP/883B D |
Refresh Counter TRANSISTOR | BJT | DARLINGTON | PNP | 50V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 4A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 70V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3 Non-Muxed Address DRAM Muxed地址内存 Analog Switch 模拟开 Peripheral Miscellaneous 周边杂项
|
Intersil, Corp. Rochester Electronics, LLC
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
2N6517 |
TRANSISTOR,BJT,NPN,350V V(BR)CEO,500MA I(C),TO-92 From old datasheet system
|
ON Semiconductor
|
CIL858O CIL859O CIL2229Y CIL2331 CSC2331 CIL857O C |
TRANSISTOR | BJT | NPN | 250V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 300V V(BR)CEO | TO-237 TRANSISTOR | BJT | NPN | 150V V(BR)CEO | TO-237 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 700MA I(C) | TO-237AA TRANSISTOR | BJT | NPN | 200V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 1.5A I(C) | TO-237AA TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 1.5A I(C) | TO-237 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | TO-237 晶体管|晶体管|进步党| 160V五(巴西)总裁|37 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 1.5A I(C) | TO-237AA
|
Infineon Technologies AG
|
MPSA12DA MPSA12DB MPSA12DC MPSA42DB MPSA42DC MPSA4 |
TRANSISTOR | BJT | PNP | 150V V(BR)CEO | CHIP 晶体管|晶体管|进步党| 150伏五(巴西)总裁|芯片 TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | CHIP 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|芯片 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | CHIP 晶体管|晶体管| npn型| 140伏特五(巴西)总裁|芯片 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | CHIP TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | CHIP TRANSISTOR | BJT | NPN | 300V V(BR)CEO | CHIP TRANSISTOR|BJT|DARLINGTON|NPN|CHIP
TRANSISTOR|BJT|DARLINGTON|NPN|30VV(BR)CEO|CHIP
|
Zetex Semiconductor PLC Central Semiconductor, Corp. Cypress Semiconductor, Corp.
|
MMST5086 MMST5087 MMST5088 MMST5089 MMST7157 SST71 |
TRANSISTOR | BJT | DARLINGTON | NPN | 40V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|达林顿|叩| 40V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装 EZ-USB SX2 High-Speed USB Interface Device KIT EZ-USB SX2 DEVELOPMENT IC, STATIC RAM, 512K X 8 TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | 500MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 200MA I(C) | SOT-23 TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 500MA I(C) | SOT-23 Low-Cost 3.3V Zero Delay Buffer TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 50MA I(C) | SOT-23VAR PCIX I/O System Clock Generator with EMI Control Features TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 200MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 600MA I(C) | SOT-23 4-Mbit (128K x 36) Pipelined Sync SRAM 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture KIT DEVELOPMENT EZ-USB FX2LP TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | SOT-23VAR TRANSISTOR|BJT|NPN|25VV(BR)CEO|200MAI(C)|SOT-23VAR TRANSISTOR|BJT|NPN|30VV(BR)CEO|200MAI(C)|SOT-23VAR TRANSISTOR|BJT|PNP|50VV(BR)CEO|200MAI(C)|SOT-23VAR
|
|
2SC2059KM 2SC2059KN 2SC2059KP 2SC4099P 2SC4099M 2S |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 20MA I(C) | SC-70 晶体管|晶体管|叩| 20V的五(巴西)总裁| 20mA的一(c)|的SC - 70 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 20MA I(C) | SOT-323 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 20MA I(C) | SC-59 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR|BJT|NPN|20VV(BR)CEO|20MAI(C)|SC-59
|
Vishay Intertechnology, Inc.
|
ECG340 ECG330 ECG330W ECG331 |
TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 500MA I(C) | TO-92VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 15A I(C) | TO-220
|
|
CM25-28 C25-28 CM10-28 C3-28 B12-28 C2M70-28R C2M1 |
TRANSISTOR | BJT | NPN | 3A I(C) | SOT-119VAR 2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant TRANSISTOR | BJT | NPN | 33V V(BR)CEO | 2.5A I(C) | STX-8 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 24V V(BR)CEO | 200MA I(C) | STX-6 TRANSISTOR | BJT | NPN | 1A I(C) | STX-8 晶体管|晶体管|叩| 1A条一(c)|希捷- 8 Ultrafast recovery diode 晶体管|晶体管|叩| RFMOD HIGH EFFICIENCY ULTRAFAST DIODE 晶体管|晶体管|叩| 12A条一(c)|的SOT - 119VAR
|
Kingbright, Corp.
|
NE32740A NE32708 NE32740B NE32702 NE32700 |
TRANSISTOR | BJT | NPN | 50MA I(C) | MACRO-X TRANSISTOR | BJT | NPN | 50MA I(C) | MICRO-X TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 50MA I(C) | CHIP 晶体管|晶体管|叩| 12V的五(巴西)总裁| 50mA的一(c)|芯片
|
Panasonic, Corp.
|
2N6359 DTL8755 DTL8045 DTL3202 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 10A I(C) | TO-210AE 晶体管|晶体管|叩| 100V的五(巴西)总裁| 10A条一(c)|10AE TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 10A I(C) | TO-210AE TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 10A I(C) | TO-210AC
|
|