PART |
Description |
Maker |
DL-5528-1650-SS DL-5525-1650-SS DL-5525S-1650-FBS |
1650 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE 1650 nm的DFB激光器二极管模块致冷与插座量子阱半导体激光器
|
Optoway Technology Inc. Optoway Technology, Inc.
|
DL-5120S-1650 DL-5105S-1650 DL-5100S-1650 DL-5100- |
1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
|
Optoway Technology Inc
|
C-13-DFB10-TA-SSCMI C-13-DFB10-TG-SLC2B C-13-DFB10 |
FIBER OPTIC DFB LASER MODULE EMITTER, 1295-1325nm, 10000Mbps, THROUGH HOLE MOUNT, TO-18, SC CONNECTOR FIBER OPTIC DFB LASER MODULE EMITTER, 1295-1325nm, 10000Mbps, THROUGH HOLE MOUNT, TO-18, LC CONNECTOR 10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
|
Source Photonics, Inc.
|
C-13-DFB2.5-P-S2 C-13-DFB2.5-P-SFC2 C-13-DFB2.5-P- |
1310nm 2.5G MQW-DFB Laser Diode Module FIBER OPTIC DFB LASER MODULE EMITTER, 1295-1325nm, 2500Mbps, THROUGH HOLE MOUNT, FC CONNECTOR HERMETIC SEALED PACKAGE-4 FIBER OPTIC DFB LASER MODULE EMITTER, 1295-1325nm, 2500Mbps, THROUGH HOLE MOUNT HERMETIC SEALED PACKAGE-4 FIBER OPTIC DFB LASER MODULE EMITTER, 1295-1325nm, 2500Mbps, PANEL MOUNT, ST CONNECTOR FIBER OPTIC DFB LASER MODULE EMITTER, 1295-1325nm, 2500Mbps, FC CONNECTOR FIBER OPTIC DFB LASER MODULE EMITTER, 1295-1325nm, 2500Mbps, MU/APC CONNECTOR
|
Source Photonics, Inc. ITT, Corp.
|
DL-5328-1625-HF DL-5300S-1625 DL-5325S-1625-XX DL- |
1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE 1625纳米激光器激光二极管模块1625纳米激光器激光二极管模块
|
Optoway Technology Inc. Optoway Technology, Inc.
|
NX6410GH NX6410GH-AZ |
1 490 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD. InGaAsP MQW-DFB LASER DIODE
|
California Eastern Labs
|
A371-20BS A371-20GS A371 A371-24NS A371-20AS A371- |
A371-Type Analog Uncooled Isolated DFB FastLight ?Laser Module A371-Type Analog Uncooled Isolated DFB FastLight Laser Module A371-Type Analog Uncooled Isolated DFB FastLight ⑩ Laser Module Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Crimp; Connector Shell Size:8; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:8-4 KPT 12C 8#20 4#16 PIN PLUG A371-Type Analog Uncooled Isolated DFB FastLight Laser Module A371型模拟制冷隔离足协FastLight⑩激光模
|
http:// AGERE[Agere Systems]
|
NX8563LF311-BA NX8563LB533-BA NX8563LF334-BA NX856 |
CONVERTER DC-DC 6W 48V/12V SGL NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN) 邻舍连续InGaAsP多量子阱激光器激光二极管模块的DWDM应用10毫瓦最小) NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN) 邻舍连续InGaAsP多量子阱激光器激光二极管模块的DWDM应用0毫瓦最小) CONVERTER DC-DC 6W 12V/5V SGL 邻舍连续InGaAsP多量子阱激光器激光二极管模块的DWDM应用0毫瓦最小) CONVERTER DC-DC 6W 12V/15V SGL 邻舍连续InGaAsP多量子阱激光器激光二极管模块的DWDM应用0毫瓦最小) DIODE ZENER SINGLE 200mW 39.13Vz 5mA-Izt 0.02518 0.05uA-Ir 30 SOD-323 3K/REEL TVS BI-DIR 24V 1500W DO-201
|
California Eastern Labs http:// California Eastern Laboratories, Inc.
|
NX8300CE-CC NX8300BE-CC NX8300BE |
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION
|
CEL[California Eastern Labs] http://
|
NDL7603PC NDL7603P NDL7603P1C NDL7603P1D NDL7603P2 |
1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE 1 310纳米光纤通信InGaAsP多量子阱激光器激光二极管同轴模块 Opical Fiber Communications Laser Diode(光纤通信激光二极管) Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
NEC, Corp. NEC Corp. NEC[NEC]
|
NX6342EP |
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s BASE-LR/LW APPLICATION 1 310nm AlGaInAs MQW-DFB LASER DIODE
|
California Eastern Labs
|