PART |
Description |
Maker |
CY2305CSXA-1 |
3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: -40 to 85 C 2305 SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8
|
Cypress Semiconductor, Corp.
|
CY2509ZXC-1 CY25010 CY250911 CY2510ZXC-1 CY2510ZXC |
Spread Aware(TM), Ten/Eleven Output Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 40 MHz to 140 MHz; Outputs: 10; Operating Range: 0 to 70 C 2509 SERIES, PLL BASED CLOCK DRIVER, 9 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO24 Spread Aware? Ten/Eleven Output Zero Delay Buffer Spread Aware(TM), Ten/Eleven Output Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 40 MHz to 140 MHz; Outputs: 11; Operating Range: 0 to 70 C 2510 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO24 Spread Aware(TM), Ten/Eleven Output Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 40 MHz to 140 MHz; Outputs: 11; Operating Range: 0 to 70 C
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
R48D05 R12D05 R24D05 R05D05 R05D12 R24C12 R05C05 R |
EUROLINE - DC/DC - CONVERTER 欧蒙印迹-直流/直流-转炉 monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity. Because . The TSL237, TSL237T have been temperature compensated for the ultraviolet-to-visible range of 320 nm to 700 nm and responds over the light range of 320 to light intensity. Because it is TTL compatible, the output allows direct interface to a microcontroller or other logic circuitry. Both devices have
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
PE2017 |
SMA FEMALE POWER DIVIDER,FREQUENCY RANGE:4-6 GHz, 2 OUTPUT PORTS
|
Pasternack Enterprises, Inc.
|
PE2018 |
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 4-8 GHz 4 OUTPUT PORTS
|
Pasternack Enterprises, Inc.
|
PE2015 |
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:2-4 GHz 4 OUTPUT PORTS
|
Pasternack Enterprises, Inc.
|
PE2000 |
BNC FEMALE POWER DIVIDER FREQUENCY RANGE:2-500 MHz 2 OUTPUT PORTS
|
Pasternack Enterprises, Inc.
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
CY29775AI |
Output frequency range: 8.3 MHz to 200 MHz
|
Cypress
|
CY2546IXXXT CY2546IT |
Quad PLL Programmable Clock Generator with Spread Spectrum 166 MHz, OTHER CLOCK GENERATOR, QCC24 Quad PLL Programmable Clock Generator with Spread Spectrum; Voltage(V): 1.8 V; Input Frequency Range: 8 MHz to 166 MHz; Output Frequency Range: 3 MHz to 166 MHz; Operating Range: -40 to 85 C; Package: QFN 166 MHz, OTHER CLOCK GENERATOR, QCC24
|
Cypress Semiconductor, Corp.
|