PART |
Description |
Maker |
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BD5431EFS-E2 DG333ALDJ BU8793KN-E2 MAX9725BETC-T M |
Audio Amplifiers 17W 17W Class D Spkr For Diff. Analog In Analog Switch ICs Quad SPDT Switch Learn More Audio Amplifiers 16 TONE GENERATOR 1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown 0.025 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC12 1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown 0.025 W, 2 CHANNEL, AUDIO AMPLIFIER, PBGA12 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers 1.4 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC16 Stereo DirectDrive® Headphone Amplifier with BassMax, Volume Control, and I<sup>2</sup>C 1 CHANNEL, AUDIO AMPLIFIER, PBGA16 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 1.4 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO8
|
Rohm Co., Ltd. Rochester Electronics, LLC Maxim Integrated Products, Inc.
|
NCP9004FCT1G |
2.65 W Filterless Class−D Audio Power Amplifier 2.65 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9
|
ON Semiconductor
|
BS616LV2019TI BS616LV2019TI-55 BS616LV2019TI-70 BS |
LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier; Package: LLP; No of Pins: 10 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier 非常低功电压CMOS SRAM28K的16 JT 128C 128#22D SKT PLUG 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier; Package: MICRO SMD; No of Pins: 25 LM4953 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver; Package: LLP; No of Pins: 14 Asynchronous 2M(128Kx16) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. ETC[ETC] BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
ENA0989 LV4920H |
Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W】2CH, 10W】2CH Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W×2CH, 10W×2CH Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W隆驴2CH, 10W隆驴2CH
|
Sanyo Semicon Device
|
FAB2200UCX |
Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
|
Fairchild Semiconductor
|
TDA8933 TDA8933T TDA8933T/N1112 |
Class-D audio amplifier; Package: SOT287-1 (SO32); Container: Tube 32 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO32
|
NXP Semiconductors N.V.
|
SSM2335CBZ-R2 SSM2335CBZ-REEL SSM2335CBZ-REEL7 EVA |
4.28 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9 Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
|
ANALOG DEVICES INC http://
|
CP2212 |
Class-D Audio Power Amplifier
|
CHIP
|
IS31AP2031 |
CLASS-G AUDIO POWER AMPLIFIER
|
Integrated Silicon Solution, Inc
|
LV49152V |
Class-D Audio Power Amplifier
|
Sanyo Semicon Device
|
LV4904V |
Class-D Audio Power Amplifier
|
Sanyo Semicon Device
|
|