PART |
Description |
Maker |
RFP-40-50TPP-S |
0 MHz - 6000 MHz 50 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT, CERAMIC PACKAGE-1 Flangeless Termination 40 Watts, 50W
|
Anaren, Inc. Anaren Microwave
|
ROSE-50 |
SMB Termination 0 MHz - 6000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
Mini-Circuits
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
N74F2373N 74F2373 N74F2373D 74F2373_1 |
Octal transparent latch with 30Ωequivalent output termination (3-State)(0Ω等值输出终端电阻的八透明锁存器(三态)) 八路透明锁存30Ωequivalent输出端接态)(带30Ω等值输出终端电阻的八透明锁存器(三态) From old datasheet system Octal transparent latch with 30ohm equivalent output termination 3-State Octal transparent latch with 30 Ohm equivalent output termination (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CHF2010DNP500RXE CHF2010CNP101LXF CHF2010DNP500LXE |
0 MHz - 2000 MHz RF/MICROWAVE TERMINATION 10 W Power RF Chip Termination/Resistor 10 W Power RF Chip Termination/Resistor
|
BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
MAX1809EEE MAX1809ETI MAX1809 |
3A / 1MHz / DDR Memory Termination Supply 3A, 1MHz, DDR Memory Termination Supply 3AMHz、DDR存储器端接电 " 3A, 1MHz, DDR Memory Termination Supply" 3A 1MHz DDR Memory Termination Supply
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
UR5515-TN5-R UR5515-S08-T UR5515-S08-R UR5516-TN5- |
3A BUS TERMINATION REGULATOR BUS TERMINATOR SUPPORT CIRCUIT, PSSO5 3A BUS TERMINATION REGULATOR BUS TERMINATOR SUPPORT CIRCUIT, PDSO8 1.5A/3A BUS TERMINATION REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies] ??『绉???′唤??????
|
PACS1284 PACS1284-04QT PACS1284-02 PACS1284-02Q PA |
PActive IEEE 1284 ECP/EPP Termination Network P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK P /有源符合IEEE 1284支持ECP / EPP终端网络
|
CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
ANNE-50X |
Termination SMA 50?/a> DC to 20 GHz Termination SMA 50з DC to 20 GHz Termination SMA 50 DC to 20 GHz
|
Mini-Circuits
|
74LVC162245A 74LVCH162245A 74LVC162245ADGG 74LVC16 |
16-bit bus transceiver with direction pin;with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω串联终端电阻器具有定向引脚的5V输入/输出容限6位总线收发器(三态)) 16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State 30 Ohm series termination resistors, 5 V input/outputs tolerant (3-State)
|
Philips Semiconductors
|
CEL385NF CEL368BNM |
0 MHz - 1200000 MHz RF/MICROWAVE TERMINATION 1710000 MHz - 2200000 MHz RF/MICROWAVE TERMINATION
|
|
KARN-50-18 |
Termination N-Type 50?/a> DC to 18 GHz Termination N-Type 50з DC to 18 GHz
|
http:// Mini-Circuits
|