PART |
Description |
Maker |
IS9-2100ARH/PROTO 5962F9953602QXC IS9-2100ARH-Q IS |
High Frequency Half Bridge Driver, Rad-Hard, without UVLO RES POWER .036 OHM 3W 5% SMT Radiation Hardened High Frequency Half Bridge Driver 1.5 A HALF BRDG BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
TLE6208-6 TLE6208-6G |
Smart Motorbridges Driver ICs - Six-fold Half-Bridge Hex-Half-Bridge / Double Six-Driver
|
INFINEON[Infineon Technologies AG]
|
HIP4080A04 HIP4080AIBZ HIP4080AIPZ HIP4080AIP HIP4 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDIP20 80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Input Comparators; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 Driver, Full Bridge FET, Complementry N-Channel Outputs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IR2153D IR2153DS IR2153S IR2153DPBF IR2153PBF IR21 |
Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead SOIC package with bootstrap diode Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead PDIP package Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package with bootstrap diode From old datasheet system SELF-OSCILLATING HALF-BRIDGE DRIVER DUAL MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC
|
International Rectifier
|
IR53HD420 IR53HD420-P2 IR53H420 IR53H420-P2 |
HALF BRIDGE BASED PRPHL DRVR, PSIP7 SELF-OSCILLATING HALF BRIDGE(82.40 k) 500V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
SPM6G060-120D08 SPM6G060-120D |
Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation 100 A HALF BRIDGE BASED PRPHL DRVR, XMA33
|
Sensitron Semiconductor
|
FAN73820702 FAN7382 FAN7382M FAN7382M1 FAN7382M1X |
Half Bridge Gate Driver Half-Bridge Gate Driver High- and Low-Side Gate Driver
|
FAIRCHILD SEMICONDUCTOR CORP
|
LA6575H |
Operational Amplifiers: BTL: 4ch, H-bridge: 1ch 5-Channel Driver for MD and CD Player Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player 五通道驱动器(4桥接单声道,外加)的MDCD一个H桥通道播放
|
Sanyo Semicon Device Sanyo Electric Co., Ltd.
|
TA8440HQ |
Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
|
Toshiba Corporation
|
TLE5206-2S TLE5206-2G TLE5206-2GP |
From old datasheet system Smart Motorbridges Driver ICs - 5A H-Bridge for DC Motor 5-A H-Bridge for DC-Motor Applications 5的H -桥直流马达应
|
Infineon Technologies A... Infineon Technologies AG
|
TLE5205-2GP TLE5205 |
5-A H-Bridge for DC-Motor Applications(5A、H桥型直流电机驱动 Smart Motorbridges Driver ICs - 5A H-Bridge for DC Motor
|
SIEMENS AG Infineon
|
IR2214SSPBF IR2214SSTRPBF |
2 A HALF BRIDGE BASED PRPHL DRVR, PDSO24 HALF-BRIDGE GATE DRIVER IC
|
International Rectifier
|