PART |
Description |
Maker |
SM5010BK1S SM5010BH2S SM5010AN1S SM5010AN2S SM5010 |
AC OUTPUT MODULE NON ZERO CROSS 晶体振荡器模块集成电 Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes 晶体振荡器模块集成电 Crystal Oscillator Module ICs
|
Nippon Precision Circuits I... Seiko NPC, Corp. Seiko NPC Corporation NPC[Nippon Precision Circuits Inc] Nippon Precision Circui...
|
ADG333A ADG333ABN ADG333ABR ADG333ABRS ADG333 |
Quad SPDT Switch QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP20 5 V Quad SPST Switch
|
Analog Devices, Inc. AD[Analog Devices]
|
HSMP-3890-TR1 HSMP-3890-TR2 HSMP-3892-TR1 HSMP-389 |
HSMP-389T · PIN switch diode HSMP-3890 · PIN switch diode HSMP-3892 · PIN switch diode HSMP-389E · PIN switch diode HSMP-3893 · PIN switch diode HSMP-489B · Low inductance PIN switch diode HSMP-4890 · Low inductance PIN switch diode Surface Mount RF PIN Switch Diodes
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
H22A6 |
Slotted Optical Switch; Package: Slotted Switch H22; No of Pins: 4; Container: Rail 3.15 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH TRANSISTOR OUTPUT
|
Fairchild Semiconductor, Corp.
|
AWS5522 AWS5522S26 AWS5522D1 |
0.5 to 2.5 GHz SPDT Switch 0.5.5 GHz SPDT开 0.5 to 2.5 GHz SPDT Switch 500 MHz - 2500 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 0.8 dB INSERTION LOSS Switches The AWS5522 is a single pole, double throw (SPDT) RF switch developed to meet the stringent requirements of GSM and CDMA systems, ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
SLD344YT-3 SLD344YT SLD344YT-1 SLD344YT-2 SLD344YT |
Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:6; Indexing:60 ; Switch Terminals:Through Hole; Circuitry:SPST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; No. of Switch Positions:10; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:10; Switch Features:30 degrees Indexing; Switch Function:SPDT 6W高功率激光二极管 Rotary Switch; Contact Current Max:1.5A; No. of Poles:6; No. of Switch Positions:2; Indexing:30 ; Switch Terminals:Through Hole; Circuitry:6PST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; Contact Current Max:9A; No. of Switch Positions:2; Circuitry:SPST RoHS Compliant: Yes 6W高功率激光二极管 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:4; Impedance:100ohm; Voltage Nom.:600V RoHS Compliant: Yes 6W High Power Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
NC7SB3157L6X FSA3157P6X FSA3157 FSA3157L6X NC7SB31 |
TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 微型逻辑低电压超高强SPDT模拟开关或2:1多路复用解复用器总线开 TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ADG1419 ADG1419BCPZ-REEL7 ADG1419BRMZ ADG1419BRMZ- |
2.1 Ω Max On Resistance ±15 V/12 V/±5 V iCMOS SPDT Switch; Package: Micro SOIC; No of Pins: 8; Temperature Range: Ind SGL POLE DOUBLE THROW SWITCH, PDSO8 2.1 Ω On Resistance, ±15 V/ 12 V/±5 V iCMOS SPDT Switch 2.1 楼? On Resistance, 隆戮15 V/ 12 V/隆戮5 V iCMOS SPDT Switch
|
Analog Devices, Inc.
|
IH5019 IH5019CDD IH5019CDE IH5019CPA IH5019CPD IH5 |
Virtual Ground Analog Switch Virtual Ground Analog Switch 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP8 Virtual Ground Analog Switch 4-CHANNEL, SGL ENDED MULTIPLEXER, CDIP14 Virtual Ground Analog Switch 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP14 Virtual Ground Analog Switch 虚拟地面模拟开 RES, 1206, TF, 1R, 5%, 1/4W 虚拟地面模拟开 RES, 2K OHM 1% 1/8W DSUB 17W5 F PCB G50 3-channel; 30V; 10mA; 500mW; virtual ground analog switch
|
Intersil, Corp. INTERSIL[Intersil Corporation] Harris Semiconductor
|
SNDR-5H-T SNDX-5H-T SNDX-4H-X SNDR-4H-X SNDX-6S-T |
DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-6SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-2SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-5SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-9SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-7SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-12SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-1SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-4SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) DIP开关(机可插入式) DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT
|
Bourns Inc. 开 Bourns, Inc.
|
V15T16CZ200A01XXK V15H16-CP100A-03 V15T22-CP100B05 |
Electromechanical switch designed for enhanced reliability at a great value. SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT Electromechanical basic Switch SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
Honeywell Solid State Electronics Center HONEYWELL SENSING AND CONTROL Honeywell Solid State Elect... Honeywell Solid State E...
|
|