PART |
Description |
Maker |
SGH80N60UFD SGH80N60UFDTU |
Discrete, High Performance IGBT with Diode Ultrafast IGBT 240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 80 A, 600 V, N-CHANNEL IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
CM75DY-12H |
Dual IGBTMOD 75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. Powerex Power Semiconductors
|
P036-010-15A |
Heavy-Duty Power Extension Cord, 15A, 14 AWG (IEC-320-C19 to IEC-320-C20), 10 ft. (3 m)
|
Tripp Lite. All Rights ...
|
P0320022C13 |
Heavy-Duty Power Splitter Y Cable, 15A, 14AWG (IEC-320-C20 to 2x IEC-320-C13), 2-ft
|
Tripp Lite. All Rights ...
|
P01406N |
Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in
|
Tripp Lite. All Rights ...
|
BSS138BKS-15 |
60 V, 320 mA dual N-channel Trench MOSFET
|
NXP Semiconductors
|
2N7002PS |
60 V, 320 mA dual N-channel Trench MOSFET
|
NXP Semiconductors
|
CM100TJ-12F |
128 x 64 pixel format, LED or EL Backlight available 100 A, 600 V, N-CHANNEL IGBT Trench Gate Design 100 Amperes/600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
APT15GT60BRG |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 600; VCE(sat) (V): 2; IC (A): 15; 30 A, 600 V, N-CHANNEL IGBT, TO-247
|
Microsemi, Corp.
|
FCPF600N60Z |
N-Channel SuperFETII MOSFET 600 V, 7.4 A, 600 m N-Channel SuperFET? II MOSFET
|
Fairchild Semiconductor
|
600-055 |
600-055 Calibration Key and 600-072-1 Standard and 600-086-1 Micro Gauges
|
Glenair, Inc.
|