PART |
Description |
Maker |
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
VDD60SCTA VDD20LCTA VDD18LCTA VDD18LNTA VDD18MNTA |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector with Delay circuit
|
AnaSem Hong Kong Limited
|
BS616LV2015 BS616LV2015TI BS616LV2015AC BS616LV201 |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Plug-In Relay; Contacts:SPST-NO; Contact Carry Current:30A; Coil Voltage AC Max:24V; Relay Mounting:Plug-In; Relay Terminals:Screw; Coil Resistance:11.5ohm; Coil Power VAC:9.5VA RoHS Compliant: Yes 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
ICL7611 ICL7611BCPA ICL7611DCBA ICL7611DCBA-T ICL7 |
Op Amp, CMOS, Rail-to-Rail I/O, Programmable Icc, 1.4MHz, Low Voltage 1-8Vdc, Low Bias 0.05nA Op Amp, CMOS, Rail-to-Rail Output, 1.4MHz, Low Voltage 1-8Vdc, Programmable Icc, Low Bias 0.05nA 1.4MHz, Low Power CMOS Operational Amplifiers From old datasheet system
|
INTERSIL[Intersil Corporation]
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
TMP04CH01FXXXJTMP04CH01XXXS |
CMOS 4 bit LL Microcontroller (LL: Low power consumption & Low voltage operation)
|
TOSHIBA
|
FMP1617CCX-GXXX FMP1617CCX-HXXX FMP1617CCX-G85E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
EC49509FLG-F |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
E-CMOS Corporation
|
IS62WV6416BLL-55B2I IS62WV6416ALL-55B2I IS62WV6416 |
64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc.
|