PART |
Description |
Maker |
ADG701BRM ADG701BRT ADG702 ADG702BRM ADG702BRT ADG |
CMOS Low Voltage 2ohm SPST Switches Low Voltage SPST Switches(低压2Ω单刀单掷开 4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC CMOS Low Voltage 2 ohms SPST Switch CMOS Low Voltage 2ohm SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. AD[Analog Devices]
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
K6T4016U3C K6T4016U3C-B K6T4016U3C-F K6T4016U3C-RB |
256Kx16 bit Low Power and Low Voltage CMOS Static RAM Surface Mount Resistors Thick Film Chip Resistors 256Kx16 bit Low Power and Low Voltage CMOS Static RAM 256Kx16位低功耗和低电压的CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
BS616LV8017 BS616LV8017FIP70 BS616LV8017EC BS616LV |
Very Low Power/Voltage CMOS SRAM 512K X 16 bit Asynchronous 8M(512Kx16) bits Static RAM Very Low Power/Voltage CMOS SRAM 512K X 16 bit 非常低功电压CMOS SRAM的为512k × 16
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
MC74LCX244 MC74LCX244DT MC74LCX244DW MC74LCX244M M |
From old datasheet system LOW-VOLTAGE CMOS OCTAL TRANSCEIVER Low-Voltage CMOS Octal Buffer With 5V-Tolerant Inputs and Outputs(3-State, Non-Inverting)
|
Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
IS62C51216AL IS62C51216AL-55MLI IS62C51216AL-55TLI |
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
IS62U6416LL IS62U6416LL-20B IS62U6416LL-20KI IS62U |
64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc]
|
IS62WV12816DALL/DBLL IS65WV12816DALL/DBLL |
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
FMP1617CCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
IS62WV25616ALL-70BI IS62WV25616ALL-70T IS62WV25616 |
256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
|
Integrated Silicon Solution, Inc
|