PART |
Description |
Maker |
BC204VI BC214K BC213K BC173C BC153 BC209C BC209B B |
IC FLEX 6000 FPGA 10K 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:66; Package/Case:100-TQFP; Leaded Process Compatible:No; Number of Circuits:576 FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:4992; Peak Stratix II FPGA 180K FBGA-1020 Cyclone FPGA 6K FBGA-256 IC APEX 20KE FPGA 400K Cyclone FPGA 3K TQFP-144 晶体管|晶体管|叩| 20V的五(巴西)总裁| 100mA的一(c)|06
|
Electronic Theatre Controls, Inc.
|
TSA5511TD |
IC ACEX 1K FPGA 10K 256-FBGA I2C总线频率合成
|
NXP Semiconductors N.V.
|
ST24W01 ST24W01B1TR ST24W01B3TR ST24W01B5TR ST24W0 |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Cyclone FPGA 6K PQFP-240 I2C串行EEPROM MOSFET, N POWERPAKMOSFET, N POWERPAK; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:6.5A; Current, Idm pulse:40A; Power, Pd:1.5W; Resistance, Rds on:0.015R; SMD:1; 1000串行EEPROM128 × 8 MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:40A; Power, Pd:1.9W; Resistance, Rds on:15R; SMD:1; Charge, gate 000串行EEPROM28 × 8 IC FLEX 10K AKA FPGA I2C串行EEPROM SERIAL 1K 128 x 8 EEPROM 000串行EEPROM28 × 8 Stratix GX FPGA 10K 4-FBGA IC FLEX 10KA FPGA IC FLEX 6000 FPGA 24K 208-PQFP IC APEX 20KE FPGA 200K IC FLEX 10KB FPGA 100K IC APEX 20KE FPGA 400K (ST2xxx) SERIAL 1K 128 x 8 EEPROM From old datasheet system SERIAL 1K (128 x 8) EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
EP1S10F1508I7 EP1S10F1508I5ES EP1S10F1508I7ES EP1S |
FPGA, PBGA1508 40 X 40 MM, 1 MM PITCH, FBGA-1508 FPGA, 1200 CLBS, PBGA672
|
Altera International Limited ALTERA CORP
|
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
TSC251G1DXXX-L12CB TSC251G1DXXX-L12CED TSC251G1DXX |
FPGA, CYCLONE III, 5K LE, 164MQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:106; IC CYCLONE III FPGA 5K 256-UBGA IC CYCLONE III FPGA 55K 484 UBGA IC CYCLONE III FPGA 55K 780 FBGA IC CYCLONE III FPGA 55K 780FBGA 8-BIT MICROCONTROLLER 8位微控制
|
Cypress Semiconductor Corp. Electronic Theatre Controls, Inc.
|
LZ931000 LZ9813000 LZ9811000 LZ9G1900 LZ95300 LZ95 |
FPGA, 1010 GATES FPGA, 13000 GATES FPGA, 11000 GATES FPGA, 1900 GATES FPGA, 315 GATES FPGA, 1680 GATES FPGA, 6075 GATES FPGA, 5000 GATES FPGA, 8370 GATES FPGA, 650 GATES
|
SHARP ELECTRONICS CORP
|
ST3243CD ST3243CDR ST3243CPR ST3243CTR ST3243C ST3 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors CABLE ASSEMBLY; SMA MALE TO SMA MALE; 50 OHM, RG58C/U COAX Stratix FPGA 25K FBGA-1020 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 3 TO 5.5V 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 3 TO 5.5V 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
EP2C35F672C8ES |
FPGA, 2100 CLBS, PBGA672 FBGA-672
|
Altera International Limited
|
Z0103MA1AA2 Z0103MA2AL2 Z0103MA5AA4 Z0103MN Z0103M |
IC FLEX 10K FPGA 40K 208-RQFP 1A TRIACS
|
STMicroelectronics ST Microelectronics
|