PART |
Description |
Maker |
MINI-SMA |
案号微型形状记忆合金装置 Case No. MINI-SMA Device Case No. MINI-SMA Device
|
美丽微半导体有限公司 Formosa MS
|
3DD5287-O-A-N-D |
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287 FOR LOW FREQUENCY CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287 FOR LOW FREQUENCY
|
JILIN SINO-MICROELECTRONICS CO., LTD.
|
3DD2553 3DD2553-O-A-N-D |
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2553 FOR LOW FREQUENCY CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2553 FOR LOW FREQUENCY
|
JILIN SINO-MICROELECTRONICS CO., LTD.
|
RTOP |
Power Resistors for Mounting onto a Heatsink Featuring Up to 4 different ohmic values in the same case, Non inductive, Easy mounting, Low Thermal Radiation of the case, Standard Isotop case (SOT 227 B)
|
Vishay
|
LA-B3 LA000B3B LA000B3CB LA000B3U LAIC3B3B LAIC3B3 |
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
|
CTS[CTS Corporation]
|
G7881-21 G7881-22 G7881-23 G7881-32 G7881-44 G8339 |
Supply voltage:0.3-5.5V; InGaAs PIN photodiode with preamp: receptacle type, 1.3/1.55um, 156, 622Mbps/1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit enthernet, HDTV, SDH Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 6800uF; Voltage: 25V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 400V; Case Size: 20x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 400V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 25x50 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 FIBER OPTIC RECEIVER, 1250Mbps, PANEL MOUNT, LC CONNECTOR Aluminum Snap-In Capacitor; Capacitance: 68uF; Voltage: 400V; Case Size: 20x25 mm; Packaging: Bulk
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343 |
InGaAs PIN photodiode with preamp Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 160V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 30x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 200V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 200V; Case Size: 25x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk Optoelectronic 光电 InGaAs PIN photodiode with preamp 铟镓砷PIN光电二极管和前置放大
|
HAMAMATSU[Hamamatsu Corporation] NXP Semiconductors N.V. Hamamatsu Photonics K.K.
|
KBP005M KBP02M KBP01M KBP04M KBP08M KBP06M KBP10M |
Diode Rectifier Bridge Single 50V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 200V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 100V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 400V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 800V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 600V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 1KV 1.5A 4-Pin Case KBPM
|
New Jersey Semiconductor
|
135D306X0006C2 135D206X0010C2 135D476X0010C2 135D1 |
Wet Tantalum Capacitors, Axial, Tantalum-Case with Glass-to-Tantalum Hermetic Seal, for - 55°C to 200°C Operation Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55?? to 200?? Operation Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55∑C to 200∑C Operation Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55隆?C to 200隆?C Operation Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55掳C to 200掳C Operation Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
|
VISAY[Vishay Siliconix]
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BC308C BC307C BC307B BC307 ON0143 |
Amplifier Transistors(PNP Silicon) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 CASE 29-04, STYLE 17 TO-2 (TO-26AA) CASE 29-4, STYLE 17 TO-2 (TO-26AA) From old datasheet system
|
ONSEMI[ON Semiconductor]
|