PART |
Description |
Maker |
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
GMS90C31 GMS90L32 GMS90C32 GMS90C58 GMS90L31 GMS90 |
8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,256字节RAM,低电 8-Bit CMOS Microcontrollers( 高性价比的51单片,片内无ROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontroller(8位CMOS 微控制器) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,工作电压5V) 8-BIT SINGLE CHIP MICROCONTROLLERS 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,低电
|
Hyundai
|
AM186EMLV-40VC/W AM186EMLV-20KC/W AM186EMLV-40KI/W |
Am188EM/EMLV Microcontrollers Data Sheet High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
http:// Advanced Micro Devices
|
MC9S08AW60CFUE S9S08AW16 S9S08AW60 MC9S08AW60CPUE |
8-Bit HCS08 Central Processor Unit (CPU) Microcontrollers MC9S08AW60 Features Microcontrollers
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc Freescale Semiconductor...
|
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
SAB-C504-2R24M SAB-C504-2RM SAB-C504-LM SAB-C504-L |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for extended temperature ranges
|
Infineon
|
SAB-C161PI-L25FCA SAB-C161PI-L25MCA SAB-C161PI-LF3 |
16-Bit Microcontrollers - 0C - 70C, 25MHz, P-TQFP-100 Consumer Class 16-bit Microcontroller 16-Bit Microcontrollers - 0C - 70C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-TQFP-100, 3V 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100
|
Infineon
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
AT91SAM7X128-AU AT91SAM7X512-CU AT91SAM7X512-AU AT |
AT91 ARM Thumb-based Microcontrollers 32-BIT, FLASH, 55 MHz, RISC MICROCONTROLLER, PBGA100 AT91 ARM Thumb-based Microcontrollers AT91上ARM的拇指型微控制器
|
Atmel Corp. Atmel, Corp.
|
MC68HC711P2CFS3 MC68HC711P2CFS4 MC68HC11P2BCFN4 |
Microcontrollers 8-BIT, UVPROM, 4 MHz, MICROCONTROLLER, CQCC84 Microcontrollers 8-BIT, MROM, 4 MHz, MICROCONTROLLER, PQCC84
|
Motorola, Inc. Motorola Mobility Holdings, Inc. Linear Technology, Corp.
|
AT91SAM7S128-AI ATMELCORP.-AT91SAM7S128-AI |
THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
Atmel Corp. ATMEL Corporation
|
UPD70F3201 UPD703201GC-XXX-8EU UPD703204F1-XXX-EA6 |
(UPD70F3201 / UPD70F3204) 32-Bit Single-Chip Microcontrollers 32-BIT SINGLE-CHIP MICROCONTROLLERS 32位单晶片微控制器
|
NEC Electronics NEC Corp. NEC, Corp.
|
|