PART |
Description |
Maker |
MB86604 MB86604LPFV MB86604L |
SCSI-II Protocol Controller (with single-ended driver/receiver)
|
FUJITSU[Fujitsu Media Devices Limited]
|
LC8945 |
SCSI (Small Computer System Interface) Protocol Controller
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
LX5202 LX5202CDWP |
18-LINE, μ POWER SCSI TERMINATOR 18-LINE, レ POWER SCSI TERMINATOR 18-LINE, POWER SCSI TERMINATOR 18-LINE/ POWER SCSI TERMINATOR CONN TERM BLOCK 10POS 5.08MM R/A 18-LINE 110 ohm SCSI BUS TERMINATOR, PDSO28
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
LX5240 LX5240CDB LX5240CPW |
MULTIMODE, PLUG AND PLAY SCSI TERMINATOR 9-LINE 105 ohm SCSI BUS TERMINATOR, PDSO24 SCSI - Multi-Mode MULTIMODE/ PLUG AND PLAY SCSI TERMINATOR
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
OST4ML8132A |
8mm Round Intelllliigent Controll RGB LED
|
OptoSupply International OptoSupply Internationa...
|
MB86616 MB86616PFV-G-BND |
IEEE1394-SCSI Tailgate SCSI BUS CONTROLLER, PQFP144
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
SYM53C770 |
SCSI I/O Processor With Ultra SCSI(带超级SCSI的SCSI I/O处理
|
LSI Corporation
|
SA8016WC |
SCSI-3 FAST WIDE 3 FT CABLE 2.5GHz low voltage fractional-N synthesizer
|
NXP Semiconductors
|
HDMP-3001 HDMP-3001K |
Telecommunication IC HDMP-3001K · Evaluation Board for Multi-Protocol IC (MPIC) Ethernet Over SONET/SDH (EOS) Mapper HDMP-3001 · Multi-Protocol IC (MPIC) Ethernet Over SONET/SDH (EOS) Mapper: Fast Ethernet to OC-3
|
Agilent (Hewlett-Packard)
|
MCP2155 MCP2155-I_P MCP2155-I_SO MCP2155I_SS MCP21 |
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations ItDA Standard Protocol Stack Controller Supporting DCE Applications MCP2155 provided IrDA protocol handling PLUS bit encoding/decoding functionality for Data Communication Equipment (DCE) applications ...
|
Microchip Technology
|
1-1437069-4 3-1437070-6 5-1437069-5 9-1437069-6 4- |
STIFTLEISTE SCSI PCB 90 GRAD 26POL STIFTLEISTE SCSI PCB 90 GRAD 100POL Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits STIFTLEISTE SCSI PCB 90 GRAD 68POL 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit STIFTLEISTE SCSI PCB 90 GRAD 50POL 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC 60 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
THOMAS & BETTS CORP
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|