PART |
Description |
Maker |
MAX520 MAX521BC/D MAX520-MAX521 MAX521ACWG-T MAX52 |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDIP16 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24 Quad/Octal / 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
X9409WV24IZ-2.7 X9409WV24I-2.7 X9409WV24-2.7 X9409 |
Low Noise/Low Power/2-Wire Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
数字电位 Intersil, Corp. Aimtec
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
CAT5241 CAT5241JI-00 CAT5241JI-10 CAT5241JI-25 CAT |
64-Tap Quad DPP Quad Digitally Programmable Potentiometers (DPP with 64 Taps and 2-wire Interface 四数字可编程电位计(民进党⑩)与64个龙头和2线接 QUAD 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 0.300 INCH, LEAD AND HALOGEN FREE, TSSOP-20 QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 0.300 INCH, LEAD AND HALOGEN FREE, TSSOP-20 QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 0.300 INCH, LEAD AND HALOGEN FREE, TSSOP-20 QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 0.300 INCH, LEAD AND HALOGEN FREE, TSSOP-20 Quad Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface Quad Digitally Programmable Potentiometers (DPP⑩) with 64 Taps and 2-wire Interface Quad Digitally Programmable Potentiometers (DPP? with 64 Taps and 2-wire Interface
|
ON Semiconductor CATALYST[Catalyst Semiconductor]
|
AD7809 AD7809BST AD7808 AD7808BN AD7808BR AD7805 A |
3.3 V to 5 V Octal 10-Bit Serial Loading DAC 3.3 V to 5 V Quad/Octal 10-Bit DACs 3.3 V to 5 V Quad 10-Bit Serial Loading DAC 3.3 V to 5 V Octal 10-Bit Parallel Loading DAC
|
AD[Analog Devices]
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
AD5325BRMZ-REEL7 AD5340 AD5341 AD5342 AD5300 AD533 |
2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package; Package: MSOP; No of Pins: 10; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO10 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface 2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface
|
Analog Devices, Inc.
|
X24320V14IG-1.8 X24320S8IG-1.8 X24320PIG-1.8 X2432 |
400KHz 2-Wire Serial E2PROM with Block Lock 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 PLASTIC, SOIC-8 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
IC MICROSYSTEMS Sdn. Bhd. IC MICROSYSTEMS SDN BHD
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AD8403ARZ100 AD8403ARZ10-REEL AD8400ARZ100 AD8402A |
4-Channel Digital Potentiometer; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Automotive QUAD 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 4-Channel Digital Potentiometer; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Automotive QUAD 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 1-/2-/4-Channel Digital Potentiometers 2-Channel Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 Single-Channel Digital Potentiometer QUAD 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 1-/2-/4-Channel Digital Potentiometers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|
MCP436X MCP4341103E/ML MCP4341103E/ST MCP4361502E/ |
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory QUAD 5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 257 POSITIONS, PDSO14 QUAD 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 257 POSITIONS, PDSO14 7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
|
Microchip Technology
|
|