PART |
Description |
Maker |
1728307 |
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
|
PHOENIX CONTACT
|
0442079 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441106 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0446017 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441517 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0393360000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 2, 90°, Box
|
Weidmuller
|
0393660000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 5, 90°, Box
|
Weidmuller
|
0708580 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5-6 mm thick housing panels - HDFKV 50-VP
|
Phoenix Contact
|
0708797 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5 - 6 mm thick housing panels - HDFKV 50-VP GNYE
|
Phoenix Contact
|
M3SPD |
CONNECTION DIAGRAM DIAGRAMME DE CONNECTION SCHALTBILDANSCHLUSS
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
0401023 |
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm2 - 35 mm2, Width: 12 mm,
|
PHOENIX CONTACT
|
MOC8113 MOC8111 MOC8111_04 MOC8112 MOC8111300 MOC8 |
6-Pin DIP Phototransistor Output Optocoupler- No Base Connection 6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
|
FAIRCHILD[Fairchild Semiconductor]
|
|