PART |
Description |
Maker |
SPT232 |
LOW DISTORTION WIDEBAND OP AMP
|
SPT ETC N.A.
|
KH232AK KH232AI KH232AM KH232HXA KH232HXC KH232AK/ |
Low Distortion Wideband Op Amp
|
Cadeka Microcircuits LLC. Cadeka Microcircuits LL...
|
KH561AM KH561 KH561AI |
Wideband/ Low Distortion Driver Amplifier Wideband, Low Distortion Driver Amplifier From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
MHW1304 MHW1304L |
Low Distortion Wideband Reverse Amplifier Modules
|
Motorola, Inc
|
MAX4269 MAX4267 MAX4265-MAX4270 |
"Dual, 450MHz, Ultra-Low- Distortion, Single-Supply Op Amp with Enable (AV> 2)" " Single, 300MHz, Ultra-Low- Distortion, Single-Supply Op Amp with Enable (AV> 5)" From old datasheet system
|
Maxim
|
LTC1562IG-2TRPBF |
Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
MAX4250 MAX4250EUK MAX4250EUK-T MAX4251 MAX4252 MA |
Differential Bus Transceivers 8-SOIC DUAL OP-AMP, 750 uV OFFSET-MAX, 22 MHz BAND WIDTH, PDSO14 SOT23 / Single-Supply / Low-Noise / Low-Distortion / Rail-to-Rail Op Amps SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http://
|
LT1809IS8 LT1809CS8 LT1810 LT1810CS8 LT1810IMS8 |
Single/Dual 180MHz, 350V/µs Rail-to-Rail Input and Output Low Distortion Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
|
LINEAR TECHNOLOGY CORP
|
ADA4857-1YCPZ-R2 ADA4857-1YCPZ-R7 ADA4857-1YCPZ-RL |
Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
|
http:// Analog Devices
|
LT11151 LT1115CN8 LT1115CSW |
Ultralow Noise, Low Distortion, Audio Op Amp
|
Linear Integrated Systems
|