PART |
Description |
Maker |
0102-G-H-ABC0-D-EJ |
IEC Connector C15A, Rewireable, Straight
|
Schurter Inc.
|
1652 1652-H-ABC0-D-EJ |
IEC Connector C19, Rewireable, Straight
|
Schurter Inc.
|
4795 |
IEC Connector C19, Rewireable, Straight
|
Schurter Inc.
|
1611 1611-H-ABC0-D-EJ |
IEC Plug I, Cord Connector (Rewireable), Angled
|
Schurter Inc.
|
FTN FTN-1Z FTN-3Z FTN-6ZM FTN-1ZM FTN-3ZM |
Chasis Panel with Fused IEC conector Switch (1-6A) IEC Connector Filter
|
PREMO CORPORATION S.L
|
EF12 EF11 6136 1624 EC12 4797 4798 EC11 |
IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
|
Schurter Inc.
|
1SV232 |
INLET, IEC, SWITCHED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
6010 6061 GSP1 6610 |
IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
|
Schurter Inc.
|
C5750Y5V1H105ZT C3225X5R0J105KB C3225X5R0J105MB C3 |
Fuses, 2A 250V T IEC GLASS LEAD 陶瓷电容 IC, BCM8704, SERIAL 10-GIGABIT ETHERNET/ 陶瓷电容 Fuses, 630mA 250V T IEC GLASS LEAD 陶瓷电容 Ceramic Capacitors 陶瓷电容 Fuses, 8A 250V T IEC GLASS LEAD Fuses, 2.51A 250V T IEC GLASS LEAD Circular Connector; No. of Contacts:34; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-34 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:34; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-34 Fuses, Slow blow cartridge type Fuses, 125mA 250V T IEC GLASS LEAD Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight From old datasheet system
|
TDK, Corp. Samsung Semiconductor Co., Ltd. TDK Corporation TDK[TDK Electronics]
|
HB-NF-PJ NF-A-JJ NF-PA-PP-1 NF-PA-PJ-1 NF-PA-JJ-1 |
C15 Type Accessories
|
http://
|
1SV216 |
VARIABLE CAPACITANCE DIODE (TV VHF UHF TUNER AFC) INLET, IEC, SWITCHED, RED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug; Series:POLYSNAP; Mounting type:Panel; Approval Bodies:UL, CSA, VDE, SEMKO, RoHS Compliant: Yes
|
http:// Toshiba Semiconductor Toshiba Corporation
|