PART |
Description |
Maker |
50PT1051AXLF |
50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
|
Bothhand USA, LP.
|
40PT1041AX |
40 PIN DIP ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
|
Bothhand USA, LP.
|
40SS1041AXLF |
40 PIN SMD ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
|
Bothhand USA, LP.
|
40ST1041TX |
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
|
Bothhand USA, LP.
|
74696-2512 |
2.00mm (.079) Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 6.25mm (.246)
|
Molex Electronics Ltd.
|
74980-2504 |
2.00mm (.079) Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 5.15mm (.203)
|
Molex Electronics Ltd.
|
74696-2501 |
2.00mm (.079) Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Pin End Version, 100 Circuits, Pin Length 4.75mm (.187)
|
Molex Electronics Ltd.
|
74696-2514 |
2.00mm (.079) Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Pin End Version, 100 Circuits, Pin Length 5.15mm (.203)
|
Molex Electronics Ltd.
|
74981-8504 0749818504 |
2.00mm (.079) Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Pin End Version, 100 Circuits, Pin Length 5.15mm (.202)
|
Molex Electronics Ltd.
|
0010894222 10-89-4222 70216-0244 A-70216-0244 |
2.54mm (.100") Pitch C-Grid庐 Breakaway Header, High Profile, Dual Row, Right Angle,22 Circuits, 6.10mm (.240") Mating Pin Length, 0.38渭m (15渭") Gold (Au) Select 2.54mm (.100) Pitch C-Grid? Breakaway Header, High Profile, Dual Row, Right Angle,22 Circuits, 6.10mm (.240) Mating Pin Length, 0.38μm (15μ) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
702160399 0010894206 10-89-4206 |
2.54mm (.100") Pitch C-Grid庐 Breakaway Header, High Profile, Dual Row, Right Angle,20 Circuits, 6.10mm (.240") Mating Pin Length, 0.76渭m (30渭") Gold (Au) Select 2.54mm (.100) Pitch C-Grid? Breakaway Header, High Profile, Dual Row, Right Angle,20 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
2SJ195 2SJ195TP-FA |
Very High-Speed Switching Applications 极高速开关应 4 A, 100 V, 0.55 ohm, P-CHANNEL, Si, POWER, MOSFET TP-FA, 3 PIN
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co., Ltd.
|
|