PART |
Description |
Maker |
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
1N5546 1N5518 1N5518B 1N5519 1N5520 1N5521 1N5522 |
5.1 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Voltage Avalanche Zener Low Voltage Avalanche 500 mW Zener Diodes DO-35 surface mount silicon Zener diodes 17 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
P4KE10A-B P4KE P4KE47A-B P4KE12A-B P4KE82CA-B P4KE |
Transient Voltage Suppression Diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
Littelfuse
|
1KSMBJ33A 1KSMBJ75A 1KSMBJ6.8A 1KSMBJ7.5 1KSMBJ7.5 |
Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
|
LITTELFUSE[Littelfuse]
|
SMAJ58A SMAJ90CA SMAJ100A SMAJ100CA SMAJ10A SMAJ10 |
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
|
LITTELFUSE[Littelfuse]
|
5KP210A |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
|
Littelfuse, Inc.
|
5KP120A 5KP90CA 5KP100A 5KP100CA 5KP10A 5KP10CA 5K |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
|
LITTELFUSE[Littelfuse]
|
SLD24U-017 SLD10-018 SLD10U-017 SLD16-018 SLD16U-0 |
Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
|
LITTELFUSE[Littelfuse]
|
TGL41-6.807 TGL41-520 TGL41-68 TGL41-10 TGL41-100A |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
Diotec Semiconductor AG
|
1N957B 1N959B 1N963B 1N962B 1N960B 1N958B 1N961B |
Silicon Z-Diodes(绋冲??靛?10V锛?ǔ瀹??娴?0mA???榻?撼浜??绠? Silicon Z-Diodes(稳定电压9.1V,稳定电0mA的硅齐纳二极 Silicon Z-Diodes(稳定电压7.5V,稳定电0mA的硅齐纳二极 From old datasheet system Silicon Z?Diodes
|
Vishay Intertechnology,Inc. TFUNK[Vishay Telefunken]
|
1N5524 1N5545 1N5519 1N5520 1N5521 1N5522 1N5523 1 |
Nom zener voltage:33.0V; measured from 1000-3000Hz; low voltage avalanche zener diode; high performance: low noise, low leakage Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE/ LOW LEAKAGE MSTBVA 2,5/13-G-5,08 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE LOW LEAKAGE LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
|
Electronic Theatre Controls, Inc. Knox Semiconductor Inc KNOX[Knox Semiconductor Inc] KNOX[Knox Semiconductor, Inc]
|