PART |
Description |
Maker |
NIMD6302R2 |
HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
|
ONSEMI[ON Semiconductor]
|
MHT8P20 MTP3N12 VN2410B |
TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 8A I(D) | TO-258AA TRANSISTOR | MOSFET | N-CHANNEL | 120V V(BR)DSS | 3A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 240V V(BR)DSS | 700MA I(D) | TO-39 晶体管| MOSFET的| N沟道| 240伏五(巴西)直| 700mA的一d)| TO - 39封装
|
Microchip Technology, Inc.
|
IXTL13N65 IXTH24N45 IXTL18N50 IXTL24N40 IXTH21N45 |
TRANSISTOR | MOSFET | N-CHANNEL | 650V V(BR)DSS | 13A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 24A I(D) | TO-218VAR TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 18A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 24A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 21A I(D) | TO-218VAR 晶体管| MOSFET的| N沟道| 450V五(巴西)直| 21A条(丁)|18VAR TRANSISTOR | MOSFET | N-CHANNEL | 650V V(BR)DSS | 18A I(D) | TO-3 晶体管| MOSFET的| N沟道|650V五(巴西)直| 18A条(丁)|
|
IXYS, Corp.
|
IRFF431 2N6783 IRFF223 |
TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 2.75A I(D) | TO-205AF TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 2.2A I(D) | TO-39 TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 3A I(D) | TO-39 晶体管| MOSFET的| N沟道| 150伏五(巴西)直| 3A条(丁)| TO - 39封装
|
Fairchild Semiconductor, Corp.
|
DE150-201N09-00 DE375-501N21-00 DE275-102N05-00 DE |
TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 200V V(BR)DSS | 9A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 21A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 1KV V(BR)DSS | 5A I(D) 晶体管| MOSFET功率模块|独立| 1KV交五(巴西)直| 5A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 300V V(BR)DSS | 35A I(D) 晶体管| MOSFET功率模块|独立| 300V五(巴西)直| 35A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 4.5A I(D)
|
TE Connectivity, Ltd. Glenair, Inc.
|
2SK956 2SK1010 2SK1507-01 2SK958 2SK1547-01 2SK138 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 4A I(D) | TO-247 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 4A条(丁)|47 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 6A条(丁)|20 TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 3A I(D) | TO-247 MOSFET transistors TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 9A I(D) | TO-247 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset From old datasheet system TRANSISTOR,MOSFET,N-CHANNEL,600V V(BR)DSS,9A I(D),TO-220 TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|6AI(D)|TO-220
TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,9A I(D),TO-247
|
Toshiba, Corp. Mallory Sonalert Products, Inc. Fuji Semiconductors, Inc.
|
STB6NA80 4233 STB6NA80-1 STB6NA80T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-262VAR N-CHANNEL Power MOSFET N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDP7030BLSS62Z FDB7030BLS |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|6A条(丁)|63AB TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-220AB
|
Fairchild Semiconductor, Corp. ITT, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2SJ404 2SJ405 2SK2163 |
TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 6A I(D) | TO-220AB Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 40A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 40A条(丁)|20VAR
|
EPCOS AG
|
STD1NA60 3633 STD1NA60-1 |
From old datasheet system N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 1.6A I(D) | TO-251 N-CHANNEL POWER MOSFET
|
http:// STMicroelectronics ST Microelectronics
|
FS5VSJ06 FS30UMJ06 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)| TO - 220AB现有
|
Powerex, Inc.
|
ALD521DSD ALD521D ALD521DPD |
MOSFET, P POWERPAKMOSFET, P POWERPAK; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:50A; Power, Pd:1.8W; Resistance, Rds on:0.0085R; SMD:1; 24 BIT SERIAL INTERFACE DIGITAL CONTROLLER
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|