PART |
Description |
Maker |
AD8062ARZ-R7 |
Low Cost, 300 MHz Rail-to-Rail Amplifiers
|
Analog Devices
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
CY7C1367C-166BGC CY7C1366C-200BZI CY7C1366C-200BZC |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PBGA119 Low Cost, Single, 300 MHz Voltage Feedback Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 256K X 36 CACHE SRAM, 3 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA165
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
5962-9458501HYC 5962-9458501HYA 5962-9458502HNC 59 |
Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps x32 EEPROM Module Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers ADSL Drivers/Receivers for Customer Premise Equipment Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs 1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown X32号的EEPROM模块 High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers X32号的EEPROM模块
|
Brady, Corp. Chicago Miniature Lighting, LLC
|
KM4210 KM4210IM8TR3 KM4210IM8 KM4210IC8 |
SM-HIGH PERF OP AMP DUAL, 0.5MA, LOW COST, 2.7V AND %V, 75MHZ RAIL-TO-RAIL AMPLIFIER Dual/ 0.5mA/ Low Cost/ 2.7V and %V/ 75MHz Rail-to-Rail Amplifier
|
Fairchild Semiconductor Corporation
|
MAX4490 MAX4491 |
Low-Cost, High-Slew-Rate, Rail-to-Rail I/O Op Amps in SC70
|
MAXIM - Dallas Semiconductor
|
ADA4851-107 ADA4851-2YRMZ ADA4851-2YRMZ-RL7 |
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
|
http:// Analog Devices
|
ADA4851-4YRU-EBZ ADA4851-4YRUZ-RL7 ADA4851-2YRM-EB |
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
|
Analog Devices
|
ADA4891-1 ADA4891-1ARJZ ADA4891-1ARJZ-R7 ADA4891-1 |
Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
|
Analog Devices
|
|