PART |
Description |
Maker |
LT1019MH-10 LT1019MH-2.5 LT1019MH-4.5 LT1019MH-5 L |
Hex Inverters With Open-Collector Outputs 14-PDIP 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY8 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, MBCY8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, MBCY8 ER 6C 3#16 3#8 PIN RECP From old datasheet system Precision References
|
Linear Technology, Corp. 基准电压电流 Linear Technology Corporation LINER[Linear Technology] http://
|
FAN4041 FAN4041DITL FAN4041CIS3 |
Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO3 Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 Precision Micropower Shunt Voltage Reference
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ZXRE125 ZXRE125FR ZXRE125CF ZXRE125DF ZXRE125DN8 Z |
Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO3 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:21; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No
|
Analog Devices, Inc. Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
LT1236 LT1236-10 LT1236-5 LT1236AC LT1236ACN8-10 L |
Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDIP8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-55 RoHS Compliant: No
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
GLT41316-50J3 GLT41316-50FC GLT41316-12P GLT41316- |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 64K的16的CMOS动态RAM的快速页面模 64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE 64K的16的CMOS动态RAM的快速页面模 3.0V 100ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 2.5V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 20ppm/Degrees C Max, 100uA, SOT23-3 Series Voltage Reference 3-SOT-23 -40 to 125 3.3V 100ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 4.096V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.3V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 1.25V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.048 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 4.096V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.5V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 3.3V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.048V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.0V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.0V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 Enhanced Product 4 Ppm/Degreesc 100 Ua Sot23-6 Series Voltage References 6-SOT-23 -55 to 125
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers
|
REF01CJ REF01CS REF01AJ REF01AZ REF01HJ REF01HP RE |
10V Precision Viltage Reference 10V Precision Voltage Reference DL CENTER MTG POL POST 4 POST 10V Precision Viltage Reference 10V的精密Viltage参 10V Precision Viltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY8 10 V Precision Voltage Reference
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX6138 MAX6138CEXR30-T MAX6138CEXR33-T MAX6138AEX |
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADR318ARJ-R2 |
Precision Low Drift SOT-23 Voltage Reference with Shutdown 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO5
|
Analog Devices, Inc.
|
MAX6220ASA-2.5 |
Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Maxim Integrated Products, Inc.
|
MAX6138 MAX6138AEXR12-T |
0.1%..25ppm.SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.2205 V, PDSO3
|
Maxim Integrated Products, Inc.
|
ADR293GRZ |
Low Noise, Micropower 5.0 V Precision Voltage Reference; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8
|
Analog Devices, Inc.
|
MX584KCSA-T |
Pin-Programmable Precision Voltage Reference 3-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Maxim Integrated Products, Inc.
|
|