PART |
Description |
Maker |
3280-20 3280-10 |
CLAMP ON HiTESTER
|
ASM GmbH
|
3288 3287 |
CLAMP ON AC/DC HiTESTER
|
ASM GmbH
|
3282 3281 |
DIGITAL CLAMP ON HiTESTER
|
ASM GmbH
|
3332 3331 |
POWER HiTESTER
|
ASM GmbH
|
FT3000AV-80 FT3000AV FT3000AV-60 FT3000AV-70 |
Clamp-On Meter; DMM Type:Clamp; Calibrated:No RoHS Compliant: NA CURRENT CLAMP, EARTH LEAKAGE; RoHS Compliant: NA Phase Control SCR 3000 Amperes Avg 3000-4000 Volts
|
POWEREX[Powerex Power Semiconductors]
|
3540 |
m惟 HiTESTER
|
ASM GmbH
|
3554 |
BATTERY HiTESTER
|
ASM GmbH
|
3174 |
AC AUTOMATIC INSULATION/WITHSTANDING HiTESTER
|
ASM GmbH
|
35715-L010-A00AK 35715-L010-B00AK |
3M垄芒 Power Clamp Branch Connector 3M Power Clamp Branch Connector
|
3M Electronics
|
25.840.3253.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5.08mm; Wire Size (AWG):12; Mounting Type:PC Board; Body Material:Polyamide 6.6; Current Rating:12A; No. of Contacts:2; No. of Rows:1; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|