PART |
Description |
Maker |
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
2SD214309 2SD1866TV2 |
Medium Power Transistor (Motor, Relay drive) (60隆戮10V, 2A) Medium Power Transistor (Motor, Relay drive) (60±10V, 2A) 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rohm
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
CSB1370 CSB1370F CSB1370D CSB1370E |
30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 160 - 320 hFE. 30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 100 - 200 hFE. 30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 120 hFE. PNP Silicon Epitaxial Power Transistor
|
CDIL[Continental Device India Limited]
|
2SC3072 |
TRANSISTOR (STROBE FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS) Transistor Silicon NPN Epitaxial Type (PCT process) Strobe Flash Applications Medium Power Amplifier Applications
|
Toshiba Semiconductor
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
2N2369ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
SG2823 SG2823J_DESC SG2823L_DESC SG2823N SG2803J S |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR POWERQUICC II HIP4 REV B From old datasheet system Driver - Medium Current Array
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2SB1188 2SB1188-E-AB3-R 2SB1188-P-AB3-R 2SB1188-Q- |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SD2144S 2SD2114K 2SD2114K_1 2SD2144STPV 2SD2114KS |
High-current Gain Medium Power Transistor (20V, 0.5A) 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ROHM[Rohm]
|