PART |
Description |
Maker |
SPM-9100V-1TG |
850 nm / 3 Gb/s Single Optical Multi-Mode Transmitter
|
Optoway Technology Inc
|
TRM-7100 |
3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER 3.3 / 850纳米/ 1.25 Gbps的光纤多模收发器
|
Optoway Technology, Inc.
|
TRM-7100-EM TRM-7000-EM TRM-7100C-EM TRM-7000C-EM |
5V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER 5V 850纳米/ 1.25 Gbps的光纤多模收发器
|
Optoway Technology Inc. Optoway Technology, Inc.
|
SPM-9100VW-2RG SPM-9100VW-2TG |
850 nm / 3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Transmitter
|
Optoway Technology Inc
|
XPM-2100BWG XPM-2100WG10 XPM-2100AWG |
10Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 10GbE / 10GFC Applications
|
Optoway Technology Inc
|
KCX-T46-85DA |
Single mode 850 VCSEL
|
KODENSHI KOREA CORP.
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
PEC12-4220F-S0024 PEC12-2220F-S0024 PEC12-4020F-S0 |
ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-3
|
Bourns, Inc. BOURNS INC
|
PEC11-4130F-S0018 PEC11-4315K-N0012 PEC11-4315K-S0 |
Incremental Encoder; Number of Detents:18; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:30mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-3 Incremental Encoder; Number of Detents:0; Counts Per Revolution:12; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:15mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:0; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:0; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:18; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:30mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6mm; Series:PEC11; Rotation Speed:60rpm; Rotational Life Revolutions:30000; Torque Max:2.7in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
MINI-OISA OISA155000D3111 |
Optical Isolator Mini Single Stage Dual Optical Isolator (C or L Band)
|
OPLINK Communications Inc. OPLINK Communications I...
|
MA4IQP900L-1291T MA4IQP900L-129V1 |
850 MHz - 960 MHz RF/MICROWAVE AM/PHASE MODEM I/Q Modulator/Demodulator 850-960 MHz
|
ETC[ETC] MACOM[Tyco Electronics] List of Unclassifed Manufacturers
|