PART |
Description |
Maker |
FQB33N10L FQI33N10L FQB33N10LTM |
100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET 100 LOGIC N-Channel MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FDS6911 |
Fast switching speed, Low gate charge Dual N-Channel Logic Level PowerTrench? MOSFET 20V, 7.5A, 13mΩ Dual N-Channel Logic Level PowerTrench㈢ MOSFET 20V, 7.5A, 13mヘ Dual N-Channel Logic Level PowerTrench??MOSFET 20V, 7.5A, 13m??/td>
| SOP
|
List of Unclassifed Manufacturers FAIRCHILD[Fairchild Semiconductor]
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
FQU12N20L FQD12N20L FQU12N20 FQD12N20LTF FQD12N20L |
200V N-Channel Logic Level QFET 200V LOGIC N-Channel MOSFET 9 A, 200 V, 0.32 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQB5N20L FQI5N20L FQI5N20 FQI5N20LTU |
200V LOGIC N-Channel MOSFET 4.5 A, 200 V, 1.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 200V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
FQI9N08L FQB9N08L FQB9N08LTM FQI9N08LTU |
80V LOGIC N-Channel MOSFET 9.3 A, 80 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 80V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
BUK9Y59-60E BUK9Y59-60E-15 |
N-channel 60 V, 59 mΩ logic level MOSFET in LFPAK56 N-channel TrenchMOS logic level FET
|
NXP Semiconductors
|
HCPL-2400 HCPL-2430 HCPL2400 HCPL-2400500 |
20 MBd High CMR Logic Gate Optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 40 Mbps 0.300 INCH, DIP-8
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) Ecliptek, Corp.
|
FQD17N08L FQU17N08L FQD17N08LTF FQD17N08LTM |
80V LOGIC N-Channel MOSFET 80V N-Channel Logic Level QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FQD5N20L FQU5N20L FQD5N20LTF FQD5N20LTM |
200V LOGIC N-Channel MOSFET 200V N-Channel Logic Level QFET
|
FAIRCHILD[Fairchild Semiconductor]
|