PART |
Description |
Maker |
MPX2100 MPX2100A MPX2100AP MPX2100ASX MPX2100D MPX |
100kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
Freescale Semiconductor, Inc
|
MPX2102 MPX2102A MPX2102AP MPX2102ASX MPX2102D MPX |
100kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(100kPa片内温度补偿和校准硅压力传感
|
飞思卡尔半导体(中国)有限公司
|
MPXV6115VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system
|
Motorola
|
W0603HT-01-100R-G W0603HT-01-100R-J W1206HT-01-100 |
High Temperature TaNFilm㈢ Chip Resistors High Temperature TaNFilm垄莽 Chip Resistors High Temperature TaNFilm? Chip Resistors High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.1 W, 1 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0805 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.0625 W, 5 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0603 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.125 W, 2 %, 100 ppm, 100 ohm, SURFACE MOUNT, 1206
|
Welwyn Components Limited TT Electronics / Welwyn Welwyn Components, Ltd. Welwyn Components Limit...
|
TFPT0603 TFPT1206L1000DV TFPT1206L1002JM TFPT1206L |
SMD PTC - Nickel Thin Film Linear Thermistors THERMISTOR PTC 100 OHM 0.5% SMD - Tape and Reel Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 10000 ohm, SURFACE MOUNT, CHIP, 1206, LEAD FREE Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 5600 ohm, SURFACE MOUNT, CHIP, 1206, LEAD FREE Thermistor PTC 680Ohm 5% 2-Pin 1206 T/R
|
Vishay Siliconix Vishay Dale
|
AM27C020 AM27C020-255DCB AM27C020-255DI AM27C020-1 |
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors; Package: SO; No of Pins: 18; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C Ultralow Power Single/Dual Comparator with Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储 Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 8-Channel Analog Multiplexer with Cascadable Serial Interface; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 3.3V Low Power EIA/TIA-562 Transceiver; Package: PDIP; No of Pins: 18; Temperature Range: -40°C to 85°C 3.3V Low Power EIA/TIA-562 Transceiver; Package: PDIP; No of Pins: 18; Temperature Range: 0°C to 70°C Single Chip 10-Bit Data Acquisition System; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit, 800ksps Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 14-Bit, 800ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 1, 2, 6 and 8 Channel, 10-Bit Serial I/O Data Acquisition Systems; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 300ksps Sampling A/D Converters with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors; Package: SO; No of Pins: 18; Temperature Range: 0°C to 70°C High Performance Switched Capacitor Universal Filter; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition Systems; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C IC,EPROM,256KX8,CMOS,DIP,32PIN,CERAMIC
|
amd
|
PFC-W0603HTLF-01-1001-F PFC-W0805HTLF-01-1001-F PF |
High Temperature TaNFilm Chip Resistors
|
IRC - a TT electronics Company.
|
AM27C020-120/BUA AM27C020-120/BXA AM27C020-255DE A |
x8 EPROM 1, 2, 6 and 8 Channel, 10-Bit Serial I/O Data Acquisition Systems; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C 12-Bit, 800ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Precision Zero-Drift Operational Amplifier with Internal Capacitors; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C x8存储
|
Samsung Semiconductor Co., Ltd.
|
MAL214095501E3 MAL214095602E3 MAL214095601E3 MAL21 |
Aluminum Capacitors SMD (Chip), High Temperature
|
Vishay Siliconix
|
PTS1206 PTS120602B500R1K00P100 PTS120602B100R1K00P |
Platinum SMD Flat Chip Temperature Sensor
|
http:// Vishay Siliconix
|
NTC08052SJ101JT NTC08052SJ101KT NTC06032SJ101KT NT |
RESISTOR, TEMPERATURE DEPENDENT, NTC, 100 ohm, SURFACE MOUNT CHIP, 0805, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, NTC, 100 ohm, SURFACE MOUNT CHIP, 0603, ROHS COMPLIANT
|
Venkel, Ltd.
|
|