PART |
Description |
Maker |
MF-NSMF020 MF-NSMF200 MF-NSMF012-2 MF-NSMF035 MF-N |
MF-NSMF Series - PTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT
|
Bourns Inc. Bourns, Inc.
|
FRX-050-060 FRX-050-60 FRX025-60 FRX040-60 FRX300- |
Radial Leaded PTC FRX Series 引线PTC的FRX系列 Radial Leaded PTC FRX Series 引线PTCFRX系列
|
DB Lectro Inc. DB Lectro, Inc.
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AD549J 05F6971 AD549JH |
Ultralow Input Bias Current Operational Amplifier IC-ELECTROMETER AMPLIFIER 集成电路静电计放大器 THERMISTOR, PTC; Series:B598; Thermistor type:PTC; Resistance:15R; Tolerance, resistance: /-25%; Temp, op. max:125(degree C); Voltage, operating:265V; Case style:Radial; Current, tripping:0.28A; Diameter, body:11mm; Length, RoHS Compliant: Yes
|
Analog Devices, Inc. ANALOG DEVICES INC
|
FRG300-16 FRG400-16 FRG500-16 FRG700-16 |
Radial Leaded PTC FRG Series
|
DB Lectro Inc.
|
FRX010-60 FRX375-60 FRX-010-060 FRX-010-60 FRX-017 |
Radial Leaded PTC FRX Series
|
DBLECTRO[DB Lectro Inc]
|
MF-MSMF010/16-2 MF-MSMF010/24-2 MF-MSMF160/16-2 MF |
MF-MSMF Series - PTC Resettable Fuses
|
Bourns Electronic Solutions
|
MF-PSMF050X MF-PSMF110X MF-PSMF010X MF-PSMF020X MF |
MF-PSMF Series - PTC Resettable Fuses
|
Bourns Electronic Solutions
|
BCW60B BCW60D BCW60 BCW60C BCW60_3 BCW60B/T1 BCW60 |
From old datasheet system NPN GENERAL PURPOSE TRANSISTORS PTC Resettable Fuse; Series:1206L; Thermistor Type:PTC; Operating Voltage Max:24VDC; Holding Current:200mA; Tripping Current:420mA; External Depth:1mm; Length:3.5mm; Initial Resistance Min:0.65ohm; Initial Resistance Max:1.55ohm HDW,FUSEHOLDER,SMT
|
NXP Semiconductors Philips Semiconductors
|
MF-R015/600-B |
Telecom PTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC, THROUGH HOLE MOUNT
|
Bourns, Inc.
|
PTC305C11L03A |
PTC305C Series PTC Thermistors Motor Start Packages
|
Vishay Cera-Mite
|
2016L030 2016L03011 2016L050 2016L100 |
The 2016L Series PTC provides surface mount overcurrent High voltage
|
Littelfuse
|