PART |
Description |
Maker |
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|
HD40L4240H HD40L4240P HD40L4240S HD404240H HD40424 |
V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4bit single-chip microcomputers
|
HITACHI[Hitachi Semiconductor]
|
80C32C-20R 80C32C-12R 80C32C-36R 80C32C-42R 80C32C |
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller 的CMOS 04 MHz的单芯片8位微控制 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 CMOS 0 to 44 MHz Single Chip 8bit Microntroller METER PROCESS TIME 6-DIGIT ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
|
http:// Atmel, Corp. Honeywell International, Inc. Welwyn Components, Ltd. Amphenol, Corp. TEMIC Semiconductors
|
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
IC80C31 IC80C51-24PL IC80C31-12PL |
(IC80C31 / IC80C51) CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS单芯位微控制
|
Integrated Circuit Solution Air Cost Control Electronic Theatre Controls, Inc.
|
M30843MW-XXXGP M30845MW-XXXGP 32C84 M30842MC-XXXGP |
32-BIT, MROM, 32 MHz, MICROCONTROLLER, PQFP144 SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
|
Renesas Electronics Corporation http://
|
M30624FGAF M30624FGAFP |
IC,MICROCONTROLLER,16-BIT,M16C CPU,CMOS,QFP,100PIN,PLASTIC SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
|
RENESAS
|