PART |
Description |
Maker |
HT23C040H 23C040H |
CMOS 512KX8-Bit High Speed Mask ROM From old datasheet system
|
holtek
|
KM23C4100D KM23C4100DG SAMSUNGSEMICONDUCTORCO.LTD. |
4M-Bit (512Kx8 /256Kx16) CMOS Mask ROM(4M(512Kx8 /256Kx16) CMOS掩膜ROM) 4分位12Kx8 / 256Kx16)的CMOS掩模ROM分位12Kx8 / 256Kx16)的CMOS掩膜光盘
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MX23C8000 MX23C8000MC-10 MX23C8000MC-12 MX23C8000M |
8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 150 ns, PDIP32 8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 120 ns, PDIP32 8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 200 ns, PQCC32 8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 100 ns, PQCC32 8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 120 ns, PQCC32
|
Macronix International Co., Ltd.
|
HT23C512 23C512 |
CMOS 64Kx 8-Bit Mask ROM From old datasheet system CMOS 64K′ 8-Bit Mask ROM
|
HOLTEK[Holtek Semiconductor Inc]
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
HT23C512 HT23C5121 |
CMOS 64Kx8-Bit Mask ROM
|
Holtek Semiconductor Inc
|
RP53256E |
CMOS 256K-Bit Mask ROM
|
Ricoh
|
AC23V8000 |
1MX8 BIT CMOS MASK ROM
|
Artchips
|
LC3101 |
128K-BIT CMOS MASK ROM
|
SANYO[Sanyo Semicon Device]
|
KM23V8105D KM23V8105DG KM23V8105G |
8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
MX23C8000 23C8000 |
8M-BIT [1M x 8] CMOS MASK ROM From old datasheet system
|
Macronix 旺宏
|