PART |
Description |
Maker |
HCC40107BDG HCC4017BDG HCC4017BDT HCC4027BDG HCC40 |
Rad-hard dual 2-input NAND buffer/driver Rad-hard decade counter/divider Rad-hard dual J-K master-slave Flip-Flop Rad-hard triple 3-input NAND gate Rad-hard 4-bit magnitude comparator Rad-hard triple 3-input AND gate Rad-hard hex buffer 3-state non-inverter Rad-hard hex schmitt trigger Rad-hard hex inverting buffer/converter Rad-hard hex inverter
|
ST Microelectronics
|
HS-22620RH HS-2620RH HS-2622RH |
Op Amp, Dual, Wideband, High Input Impedance Uncompensated, 100MHz, 20V/s, Rad-Hard Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 500MΩ Input Impedance Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 65MΩ Input Impedance
|
Intersil
|
IRHF7330SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 娌?? ???浠舵?搴?Rad Hard HEXFET????朵?绠々
|
International Rectifier
|
HS-4424RH HS-4424BRH |
MOSFET Driver, Dual Non-Inverting, 250ns, 2A, 10V LVLO, Rad-Hard MOSFET Driver, Dual Non-Inverting, 250ns, 2A, 7.5V LVLO, Rad-Hard
|
Intersil
|
M54HC20D M54HC20D1 M54HC20K M54HC20K1 M54HC2004 |
RAD-HARD DUAL 4-INPUT NAND GATE
|
ST Microelectronics STMicroelectronics
|
M54HC4538D M54HC4538D1 M54HC4538K M54HC4538K1 M54H |
RAD HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
|
STMicroelectronics
|
MSK197VRH MSK197RH MSK197HRH MSK197EDURH MSK197KRH |
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
|
Anaren Microwave
|
RHFLVDS228A RHFLVDS228AK1 |
Rad-hard, dual 4x4 crosspoint switch LVDS
|
STMicroelectronics
|
IRHF7310SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 沟道 单事件效Rad Hard HEXFET技术晶体管)
|
International Rectifier
|
M54HC74 M54HC74D1 M54HC74D |
RAD HARD DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
|
ST Microelectronics STMicroelectronics
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|