PART |
Description |
Maker |
VS-70TPS12PBF |
The 70TPS.. High Voltage Series of silicon controlled rectifiers are specifically designed for high and medium power switching and phase control applications
|
Vishay Siliconix
|
4302H-5V |
12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
|
Chicago Miniature Lighting,LLC
|
HC38R2A473K |
(HC Series) MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS
|
Maruwa
|
AH101 AH101-PCB |
JT 41C 41#20 SKT RECP 中功率,高线性放大器 Circular Connector; No. of Contacts:79; Series:MS27472; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Medium Power/ High Linearity Amplifier Medium Power, High Linearity Amplifier
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] WJ Communications
|
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
MP4T80200 |
8 Volt, NPN Transistor Medium Power
|
MPLUSE[M-pulse Microwave Inc.]
|
RM20C1A-XXS RM20DA/CA/C1A-XXS RM20CA-XXS RM20DA-XX |
FAST RECOVERY DIODE MODULES MEDIUM POWER, HIGH FREQUENCY USE INSULATED TYPE Fast Recovery Diode Modules, F Series (for IGBT speed switching) MEDIUM POWER/ HIGH FREQUENCY USE INSULATED TYPE
|
Mitsubishi Electric Corporation
|
RM50C1A-XXS RM50DA-C1A-XXS RM50DA/CA/C1A-XXS RM50C |
FAST RECOVERY DIODE MODULES MEDIUM POWER, HIGH FREQUENCY USE INSULATED TYPE Fast Recovery Diode Modules, F Series (for IGBT speed switching) MEDIUM POWER/ HIGH FREQUENCY USE INSULATED TYPE
|
Mitsubishi Electric Corporation
|
ZXTN2040FTC ZXTN2040F ZXTN2040FTA |
SOT23 40 volt NPN silicon planar medium power transistor
|
ZETEX[Zetex Semiconductors]
|
TCL200 TCL200DA1-A TCL200DA1-ACF1 TCL200DA1-ACF2 T |
6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery TCL Series / High Capacity Steel Emergency Lighting Units
|
Chloride ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufac... List of Unclassifed Man...
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
2N2222ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|