PART |
Description |
Maker |
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
FDMS9620S |
Dual N-Channel PowerTrenchMOSFET Q1: 30V, 16A, 21.5mQ2: 30V, 18A, 13m
|
Fairchild Semiconductor Corporation
|
STS01DTP0606 STS2DNF30L07 STS2DNF30L_07 STS2DNF30L |
Dual NPN-PNP complementary Bipolar transistor Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
HUF76113DK8 FN4387 |
6A/ 30V/ 0.032 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system 6A, 30V, 0.032 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(6A, 30V, 0.032 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管)
|
Intersil Corporation
|
P412025 PS4125 P411825 P412225 P412425 |
POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts) POW - r的,单台BLOk反应腔二极管隔离模块(二五?安高达2400伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
FDMS9600S08 FDMS9600S FDMS9600S-08 |
30V Dual N-Channel PowerTrenchMOSFET Dual N-Channel PowerTrench? MOSFET Dual N-Channel PowerTrench㈢ MOSFET Dual N-Channel PowerTrench庐 MOSFET
|
Fairchild Semiconductor
|
FDS8958A10 FDS8958A FDS8958AF085 |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench MOSFET 7 A, 30 V, 0.028 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDS6990AS FDS6990AS_NL FDS6990ASNL |
Dual 30V N-Channel PowerTrench SyncFET 7500 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
HIP1012ACBZA-T |
Dual Power Distribution Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14
|
Intersil, Corp.
|