PART |
Description |
Maker |
PS7221-2A PS7221-2A-F3 PS7221-2A-F4 PS72221-2A-F4 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR2136 packaged in a Lead-Free 28-Lead SOIC 场效应管输出光耦合 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; Similar to IR2136S with Lead-Free Packaging shipped on Tape and Reel FET-OUTPUT OPTOCOUPLER 8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PD25 PD26 PD24 PS56 PS85 PS88 PS58 PS87 PS560 PS58 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead PDIP 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free 28-Lead SOIC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged Half Bridge Driver, SoftTurn-On, Low Side Inverting Input, Separate High and Low Side Input, 500ns Deadtime in a 8-pin DIP package; A IR2183 packaged 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead SOIC 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21367 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a Lead-Free 8-Lead Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead SOIC High and Low Side Driver in a 14-pin DIP package; A IR2010 packaged in a Lead-Free 16-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a 8-Lead SOIC and Power Ground, Programmable Deadtime in a 14-pin DIP package; A IR21834 packaged in a 14-Lead PDIP Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead PDIP High voltage, high speed power MOSFET and IGBT driver with three independent high side and low side referenced output channels and with DC Bus Single High Side Driver, Noninverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2127 Analog IC 模拟IC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC shipped on Tape and Reel 模拟IC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 16-Lead SOIC shipped on Tape and Reel
|
Lattice Semiconductor, Corp.
|
74ABT827 74ABT827D 74ABT827DB 74ABT827N 74ABT827PW |
10-bit buffer/line driver, non-inverting 3-State ABT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDIP24 10-bit buffer/line driver/ non-inverting 3-State From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HIP408604 HIP4086APZ HIP4086 HIP4086AB HIP4086ABZ |
Driver, Three Phase Bridge N-Channel MOSFET Driver 80V, 0.5A Three Phase Driver
|
INTERSIL[Intersil Corporation]
|
74ALVT162827 74ALVT162827DGG 74ALVT162827DL AV1628 |
20-bit buffer/line driver, non-inverting,with 30Ohm termination resistors (3-State) 20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State 20-bit buffer/line driver, non-inverting,with 30Ω termination resistors (3-State)(同相(三态),30 Ω终端电阻器的20位缓冲器/线驱动器) 20位缓冲器/线路驱动器,非反相,30Ω终端电阻态)(同相(三态),带30Ω终端电阻器的20位缓冲器/线驱动器
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BA6840 BA6840BFP BA6840BFP-Y BA6840BFS BA6842BFS B |
3-phase motor driver Optical Disc LSIs > Motor/Actuator driver > Spindle motor driver Motor Drivers LSIs > General-Purpose three-phase brushless motor driver > Sensor type
|
Rohm CO.,LTD.
|
PS7841C-A11 PS7841C-A15 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21366 packaged in a Lead-Free 28-Lead SOIC Single Low Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2121 packaged in a Lead-Free 8-Lead PDIP
|
NEC, Corp.
|
DM74ALS244A DM74ALS244AMSA DM74ALS244AN DM74ALS244 |
Dual 4-Bit Non-Inverting Buffer/Driver Octal 3-STATE Bus Driver From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
EL7457CL-T13 EL7457CL-T7 EL7457CLZ EL7457CLZ-T13 E |
40MHz Non-Inverting Quad CMOS Driver 2 A 4 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO16
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
5962F0152101QXC 5962F0152101VXC ISL74422ARHQF ISL7 |
Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers BUF OR INV BASED MOSFET DRIVER, CDFP16 Radiation Hardened 9A. Non-Inverting Power MOSFET Drivers 辐射加固9A条。非反向功率MOSFET驱动 Power MOSFET Drivers, Rad-Hard, 9A, Non-Inverting Radiation Hardened 9A/ Non-Inverting Power MOSFET Drivers
|
Intersil, Corp. Intersil Corporation
|
FAN8461GX FAN8461G |
DC Cooling Fan Single phase driver Single Phase Full Wave BLDC Motor Driver
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH162240 74VCXH162240MTD 74VCXH162240MTX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|