PART |
Description |
Maker |
IC62LV1024AL IC62LV1024ALL-45B IC62LV1024ALL-45BI |
70ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128K x 8 Ultra Low Power and Low VCC SRAM From old datasheet system 55ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
KM416V4104B KM416V4004B KM416V4004BSL-45 KM416V400 |
4M x 16bit CMOS dynamic RAM with extended data out, 3.3V power supply, 60ns, low power 4M x 16bit CMOS dynamic RAM with extended data out, 3.3V power supply, 45ns, low power 4M x 16bit CMOS dynamic RAM with extended data out, 3.3V power supply, 50ns, low power
|
SAMSUNG[Samsung semiconductor] Samsung Electronic
|
SPIRIT1 |
Low data rate, low power sub-1GHZ transceiver
|
STMicroelectronics
|
K6F4016V6CFAMILY |
256K x 16bit Super Low Power and Low Voltage Full CMOS Static RAM Data Sheet
|
Samsung Electronic
|
K6F4016S6DFAMILY |
256K x 16bit Super Low Power and Low Voltage Full CMOS Static RAM Data Sheet
|
Samsung Electronic
|
K6F4016R6DFAMILY |
256K x 16bit Super Low Power and Low Voltage Full CMOS Static RAM Data Sheet
|
Samsung Electronic
|
K6F4008S2DFAMILY |
512K x 8bit Super Low Power and Low Voltage Full CMOS Static RAM Data Sheet
|
Samsung Electronic
|
LP62S1024BM-55LLT LP62S1024BM-70LLT LP62S1024B-T L |
55ns; operating current:30mA; standby current:5uA; 128K x 8bit low voltage CMOS SRAM 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMICC[AMIC Technology]
|
RP56LD RP336LD |
LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS 低压V.90/K56FLEX V.34/V.32调制解调器数据泵国际清算银行用于低功率应
|
Conexant Systems, Inc.
|
P89LPC922 P89LPC921FDH P89LPC922FDH P89LPC922FN P8 |
MINIATURE POWER RELAY 8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
|
http:// NXP Semiconductors
|
K6F4008R2CFAMILY K6F4008R2C-FF850 |
512K X 8 STANDARD SRAM, 85 ns, PBGA48 512K x 8bit Super Low Power and Low Voltage Full CMOS Static RAM Data Sheet
|
Samsung Electronic
|