PART |
Description |
Maker |
STS25NH3LL07 STS25NH3LL |
N-channel 30V - 0.0032Ω - 25 A - SO-8 STripFET III Power MOSFET for DC/DC conversion N-channel 30 V - 0.0032 ヘ - 25 A - SO-8 STripFET⑩ III Power MOSFET for DC/DC conversion N-channel 30 V - 0.0032 Ω - 25 A - SO-8 STripFET?/a> III Power MOSFET for DC/DC conversion N-channel 30 V - 0.0032 Ω - 25 A - SO-8 STripFET III Power MOSFET for DC/DC conversion
|
STMicroelectronics
|
SL6679TP1N SL6679KG MITELNETWORKSCORPORATION-SL667 |
Direct Conversion FSK Data Receiver 2-7V; direct conversion FSK data receiver. For pagers, including credit card, PCMCIA and watch pagers, low data rate receivers
|
Mitel Semiconductor
|
TOP-5RMZ TOP-1RMZ TOP-2RMZ CMP-3H3 |
20 MHz - 1500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9 dB CONVERSION LOSS-MAX 4 PIN 2 MHz - 600 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8 dB CONVERSION LOSS-MAX 4 PIN 50 MHz - 1000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9 dB CONVERSION LOSS-MAX 4 PIN 2 MHz - 500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8.5 dB CONVERSION LOSS-MAX
|
Synergy Microwave, Corp. SYNERGY MICROWAVE CORP
|
UT54ACS4002-PQCR UT54ACS4002-PQXH UT54ACS4002-UQAH |
Platform Cable USB II Conversion Module, SMA to RJ45 XtremeDSP Development Kit Virtex-4 Edition x8 PCIe to SMA Conversion Module XtremeDSP Development Platform Spartan-3A DSP 3400A Edition 16-bit embedded microcontrollers with RAM METRIC PLASTIC QUAD-RING EPD IC OPN Virtex-4 SF363 Evaluation Board Dual 4-input NOR Gate 4输入或非
|
Electronic Theatre Controls, Inc.
|
IMOH-01-458 IMOH-03-458 IM-16-412F IM-01-102 IM-01 |
2000 MHz - 4000 MHz RF/MICROWAVE I/Q MODULATOR, 9 dB CONVERSION LOSS-MAX 4000 MHz - 8000 MHz RF/MICROWAVE I/Q MODULATOR, 9 dB CONVERSION LOSS-MAX RF/MICROWAVE MODULATOR 10.2 MHz - 11.3 MHz RF/MICROWAVE I/Q MODULATOR, 7.5 dB CONVERSION LOSS-MAX
|
Dialight PLC
|
ZLW-11 |
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz 0.1 MHz - 500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8.5 dB CONVERSION LOSS-MAX 0.1 MHz - 500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8.5 dB CONVERSION LOSS-MAX CASE M21
|
Mini-Circuits
|
TK10420 |
Dual Conversion FM IF Amplifier
|
Toko America
|
5503-DCR 5503-CGT |
Direct Conversion Receiver
|
TDK Semiconductor
|
MAX358009 |
Direct-Conversion TV Tuner
|
Maxim Integrated Products
|