PART |
Description |
Maker |
MAX1209 MAX1209ETL |
80 Msps, 12-bit, 3.3 V IF-sampling ADC From old datasheet system 12-Bit, 80Msps, 3.3V IF-Sampling ADC
|
MAXIM - Dallas Semiconductor
|
LTC1272-3 LTC1272 LT1272 |
12-Bit, 3μs, 250kHz Sampling A/D Converter 12-Bit, 3ms, 250kHz Sampling A/D Converter From old datasheet system
|
linear
|
ADS-947 ADS-947_883 ADS-947GC ADS-947GM ADS-947MC |
14-Bit, 10MHz, sampling A/D converter 14-Bit, 10MHz Sampling A/D Converters
|
Datel List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ADS-932MM ADS-932MC ADS-B932 |
16-Bit, 2MHz, sampling A/D converter 16-Bit, 2MHz Sampling A/D Converters
|
Datel Murata Power Solutions Inc.
|
PI49FCT2805BTH PI49FCT806BTH PI49FCT2805ATS PI49FC |
12-Bit, 3Msps, Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Five Distributed-Output Clock Driver 12-Bit, 1.25Msps, Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 14-Bit, 2.2 Msps,Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SO; No of Pins: 28; Temperature Range: -40°C to 85°C Fast CMOS Buffer/Clock Driver
|
Pericom Technology Pericom Semiconductor C...
|
LTC1272-8CCS LTC1272-8CCN LTC1272-3ACS LTC1272-8AC |
12-Bit/ 3us/ 250kHz Sampling A/D Converter 12-Bit, 3us, 250kHz Sampling A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1096L LTC1096LAC LTC1096LACS8 LTC1096LAI LTC109 |
Quad Precision Single Supply Low-Power Operational Amplifier 14-SOIC -40 to 85 低电压,微功耗采位串行I /办公自动 D转换 Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters Low Voltage Micropower Sampling 8-Bit Serial I/O A/D Converters From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LTC15941 LTC1594CS LTC1594ISPBF |
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters 4-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Linear Technology, Corp.
|
AD7854 AD7854AQ AD7854AR AD7854ARS AD7854BR AD7854 |
3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Parallel Sampling ADC 3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
|
AD[Analog Devices]
|
LTC1279 LTC1279C LTC1279CSW LTC1279I LTC1279ISW LT |
12-Bit/ 600ksps Sampling A/D Converter with Shutdown 12-Bit, 600ksps Sampling A/D Converter with Shutdown From old datasheet system
|
LINER[Linear Technology]
|