PART |
Description |
Maker |
HT48R01B HT48R01N HT48R02B HT48R02N HT46R02N HT46R |
Small Package 8-Bit OTP MCU
|
Holtek Semiconductor In...
|
HT46R01B10 |
Small Package 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT46R00512 HT48R00512 |
Small Package 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
ADUC814BRU ADUC814ARU ADUC814ARU-REEL ADUC814ARU-R |
MicroConverter/ Small Package 12-Bit ADC with Embedded Flash MCU Circular Connector; No. of Contacts:61; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-61 Circular Connector; No. of Contacts:56; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-4 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PDSO28 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU MicroConverter的,小包2位ADC,嵌入式闪存MCU MicroConverter?, Small Package 12-Bit ADC with Embedded Flash MCU
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ST62P25C ST6225C ST6215C ST62P15CM6 ST62T25CM3 ST6 |
(ST62P15C / ST62P25C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGARD. SAFE RESET AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器SAFEGARD。安全复位和28个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
ST6280BQ6/GEN ST62T80BQ6 |
ST62T80B/ST62E80B/ST6280B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8-BIT MICROCONTROLLER (MCU) WITH 8K OTP, ROM, EPROM, FASTROM WITH LCD DRIVER, EEPROM AND A/D CONVERTER, 100 PINS
|
ST Microelectronics
|
ST6242BQ6 ST6242 ST6242BQ1 ST62T42B ST62E42B |
From old datasheet system 8-BIT OTP/EPROM MCU WITH LCD DRIVER,EEPROM AND A/D CONVERTER 8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72141 ST72141K2 ST72141K2B6 ST72141K2M6 ST72T141 |
8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM, 256 BYTES RAM,ADC, WDG, SPI & 2 TIMERS, SDIP32-SO34 8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE ST72141K - 8-BIT MCU FOR ELECTRIC-MOTOR CONTROL WITH ROM/OTP/EPROM, 256 BYTES RAM, ADC, 16-BIT TIMERS, SPI INTERFACE
|
ST Microelectronics
|
ST72754 ST72T774S9T1 ST72T754S9T1 ST72774J9B1 ST72 |
(ST72T774 - ST72T734) 8-BIT USB MCU FOR MONITORS 8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C 8位USB单片机的显示器,高达60K章检察官办公室,000内存,模数转换器,定时器,同步,材质单元,脉宽调的BRM,的H / W DDC 8-BIT USB MCU FOR MONITORS. WITH UP TO 60K OTP. 1K RAM.ADC. TIMER. SYNC. TMU. PWM/BRM. H/W DDC & I2C 8位USB单片机的显示器。高0K章检察官办公室。每1000 RAM.ADC。计时器。同步。材质单元。脉宽调 BRM。的H / W DDC 8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
|
ST Microelectronics STMicroelectronics N.V. http://
|
HT46R52A09 HT46R51A09 |
A/D Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT46R01M HT46R02M HT48R01M HT48R02M |
1.5V Battery 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|