PART |
Description |
Maker |
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
EFM32ZG222F4-QFP48 |
Updated specifications based on the results of additional silicon characterization.
|
Silicon Laboratories
|
AT90SC9616RC |
AT90SC9616RC Preliminary Summary [Updated 1/03. 4 Pages] This document gives the key features. a brief description and a block diagram. The Complete SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
ATF1504ASV-15QC100 ATF1504ASVL-20JI68 ATF1504ASV-1 |
Low-voltage, Complex Programmable Logic Device ATF1504ASV(L) [Updated 2/03. 29 Pages] 64 Macrocells with ISP. 3-volt and low power
|
Atmel Corp.
|
SI4431-B1-FM 1011011A |
Updated pin 6, ANT1 to ANT
|
Silicon Laboratories
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
ATSAM9713 |
Low Cost Integrated Synthesis with Effects ATSAM9713 [Updated 11/02. 14 Pages] The ATSAM9713 features highly integrated architecture combining a specialized high performance RISC digital signal processor and a general-purpose 16-bit CISC control processor on a single chip.
|
Atmel
|
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
AT88SC6416C |
AT88SC6416C Summary [Updated 4/03. 14 Pages] 64-Kbit User Memory with Authentication and Encryption. This is a summary document. A complete document 64-Kbit User Memory with Authentication and Encryption. This is a summary document. A complete document is available under NDA. For more information, please contact your local sales office.
|
Atmel
|
AT22LV10 AT22LV10L AT22LV10L-30GM AT22LV10-20JL AT |
500 gate low voltage PLD, low power, 24 and 28 pins, 3V 30NS, OTP, CERDIP, MIL TEMP(EPLD) Low-voltage UV From old datasheet system AT22LV10(L) [Updated 8/99. 12 Pages] 500 gate low voltage PLD. standard & low power. 24 pins OT PLD, 20 ns, PQCC28 OT PLD, 25 ns, PQCC28
|
Atmel Corporation N/A
|
AT75C140 |
AT75C140 Advance Information [Updated . 18 Pages] This Smart Internet Appliance Processor is a high-performance processor specially designed Smart Internet Appliance Processor (SIAP-TM) This Smart Internet Appliance Processor is a high-performance processor specially designed for network-enabling consumer and industrial applications. The specific architecture of this device delivers unmatched performance for low power con
|
ATMEL[ATMEL Corporation]
|