PART |
Description |
Maker |
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ADG511TQ4 ADG511ABR-REEL ADG511TQ ADG511ABR ADG511 |
44V; 30-100mA; CMOS precision quad SPST switch. For battery-powered intruments, single supply systems, remote powered equipment, 5V supply systems LC-2MOS Precision 5V/3V Quad SPST Switches ±5V, 30 Ohm, Quad SPST (4NC) Switch LC2MOS Precision 5 V/3 V Quad SPST Switches(138.50 k) LCMOS Precision 5 V/3 V Quad SPST Switches a LC2MOS Precision 5 V/3 V Quad SPST Switches
|
Analog Devices
|
MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EE |
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters ??5kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters QUAD LINE DRIVER, PDSO16 5kV ESD保护3.3V的四路的RS - 422发送器 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters 【15kV ESD-Protected, 3.3V Quad RS-422 Transmitters "?5kV ESD-Protected, 3.3V , 2Mbps Quad RS-422 Transmitters" "?5kV ESD-Protected, 3.3V , 20Mbps Quad RS-422 Transmitters" ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
HCS08MS FN3047 HCS08 HCS08D HCS08DMSR HCS08HMSR HC |
HC/UH SERIES, QUAD 2-INPUT AND GATE, CDFP14 From old datasheet system Radiation Hardened Quad 2-Input AND Gate AND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
SP26LV431CN-L_TR SP26LV431EN-L SP26LV431 SP26LV431 |
QUAD LINE DRIVER, PDIP16 QUAD LINE DRIVER, PDSO16 ROHS COMPLIANT, MO-012AC, SOIC-16 HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
|
Exar, Corp. Exar Corporation
|
ACS32HMSR-03 ACS32D ACS32K ACS32MS 5962F9862401VCC |
Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, UUC16 Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input OR Gate(抗辐射四2输入或门)
|
Intersil, Corp. Intersil Corporation
|
5962F9568902VEC 5962F9568902V9A HS9-26CLV32RH/PROT |
Radiation Hardened 3.3V Quad Differential Line Receiver QUAD LINE RECEIVER, CDFP16 Triple 3-input positive-AND gates 14-SOIC 0 to 70 QUAD LINE RECEIVER, CDIP16 Radiation Hardened 3.3V Quad Differential Line Receiver QUAD LINE RECEIVER, CDIP16
|
Intersil Corporation Intersil, Corp.
|
MMQA13VT MMQA27VT MMQA27VT1G MMQA5V6T1G MMQA12VT M |
Transient Voltage Suppressors for ESD Protection SC-74 Quad Monolithic Common Anode MMQA, SZMMQA Quad Common Anode Series SC?4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ?33 VOLTS
|
ON Semiconductor
|
HD74HC279 HD74HC279P |
LATCH|QUAD|1-BIT|HC-CMOS|DIP|16PIN|PLASTIC Quad. S-R Latches
|
HITACHI[Hitachi Semiconductor]
|
AD802401 AD8024AR-REEL AD8024AR-REEL7 AD8024 AD802 |
IC-SM-QUAD 24V LCD DRV Quad 350 MHz 24 V Amplifier
|
Analog Devices
|
SY100S313JC SY100S313JCTR SY100S313FC SY100S313 |
QUAD DRIVER 100S SERIES, QUAD 1-INPUT INV/NINV GATE, PQCC28
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
MAX9405 MAX9400 MAX9402 MAX9403 MAX9403EHJ MAX9400 |
Quad Differential LVECL/LVPECL Buffer/Receivers QUAD LINE TRANSCEIVER, PQFP32
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|