PART |
Description |
Maker |
MV54152_4 4 MV57152_4 MV50152 MV50152_4 MV53152_4 |
BULLET PROFILE T-1 3/4 SOLID STATE LAMPS Standard Red Tapered Package T-1 3/4 Solid State Lamp High Efficiency Red Clear Lens T-1 3/4 Solid State Lamp Green/Yellow 3 Lead Bicolor T-1 3/4 (5 mm) Solid State Lamps Yellow/High Efficiency Red 3 Lead Bicolor T-1 3/4 (5 mm) Solid State Lamps BULLET PROFILE T-1-3/4 SOLID STATE LAMPS BULLET PROFILE T-1? SOLID STATE LAMPS BULLET PROFILE T-1 SOLID STATE LAMPS BULLET PROFILE T-1? SOLID STATE LAMPS 24VAC/DC LED WHITE BULLET PROFILE T-1SOLID STATE LAMPS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LC895198 |
CD-ROM Decoder for 32 ×ATAPI (IDE) Drives(CD-ROM译码器用2倍速ATAPI (IDE)驱动) CD - ROM解码2 ×的ATAPI(IDE)的驱动器(CD - ROM光碟译码器用2倍速的ATAPI(IDE)的驱动 CMOS IC CD-ROM Decoder for 32 x ATAPI (IDE) Drives CD-ROM Decoder for 32x ATAPI (IDE) Drives
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
LC895297 |
Full CAV 20× CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP(全CAV 20倍CD-ROM译码器带内置式ATAPI (IDE)接口CD-DSP) 全部角速度20 ×CD - ROM在阿拉木图内置解码器,皮(IDE)的接口CD -数字信号处理器(全角速度20倍速的CD - ROM译码器带内置式的ATAPI(IDE)的接口和光盘的DSP Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP CMOS LSI Full CAV 20x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
TS32MDOM44H TS64MDOM44H TS128MDOM44H TS256MDOM44H |
40-Pin IDE Flash Modules 40-Piin IDE Fllassh Module
|
Transcend Information. Inc.
|
L7104EC L7104ED L7104GC L7104GD L7104GT L7104ID L7 |
T-1 (3 mm) solid state lamp. High efficiency red. Lens type red transparent. T-1 (3mm)SOLID STATE LAMPS T-1 (3 mm) solid state lamp. Yellow. Lens type yellow diffused.
|
KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
53246 |
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
QXX12RH2 QXX12RH5 QXX12LH5 QXX12LH2 QXX12NH2 QXX12 |
12 Amp bi-directional solid state switch series is designed for AC switching ALTERNISTOR TRIAC, TO-263AB RoHS Compliant, Solid-state switching eliminates arcing or contact bounce that create voltage transients
|
Littelfuse
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|