PART |
Description |
Maker |
EP3C120F484C7 EP3C5E144C6ES EP3C16E144C6ES EP3C25E |
Cyclone III Device Handbook This section provides a complete overview of all features relating to the Cyclone III device family Chapter Revision Dates Cyclone III Device Family Overview Cyclone III Device Family Overview
|
Altera Corporation
|
YF48D12-830 YF48D15-660 YF24D12-625 YFW24D15-500 |
Cyclone II FPGA 8K TQFP-144 MAX 3000A CPLD 64 MC 44-TQFP MAX II CPLD 240 LE 100-TQFP 模拟IC STRATIX III FPGA 150K 1152BGA 模拟IC
|
Integrated Device Technology, Inc. Electronic Theatre Controls, Inc.
|
BC204VI BC214K BC213K BC173C BC153 BC209C BC209B B |
IC FLEX 6000 FPGA 10K 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:66; Package/Case:100-TQFP; Leaded Process Compatible:No; Number of Circuits:576 FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:4992; Peak Stratix II FPGA 180K FBGA-1020 Cyclone FPGA 6K FBGA-256 IC APEX 20KE FPGA 400K Cyclone FPGA 3K TQFP-144 晶体管|晶体管|叩| 20V的五(巴西)总裁| 100mA的一(c)|06
|
Electronic Theatre Controls, Inc.
|
EP1C6F256I7 EP1C6Q324C7 EP1C4Q400C6 EP1C4Q400C8 EP |
Cyclone FPGA Family 气旋FPGA系列
|
Altera, Corp.
|
BC212DCSM |
Dual Bipolar PNP Devices in a hermetically sealed Cyclone FPGA 20K FBGA-400
|
Seme LAB
|
EP4CE10 EP4CE15 EP4CE22 EP4CE22F17I7N EP4CGX22BF14 |
Cyclone IV Device Datasheet This section lists the I/O leakage current, pin capacitance, on-chip termination (OCT) tolerance, and bus hold specifications for Cyclone IV devices.
|
Altera Corporation
|
ST24W01 ST24W01B1TR ST24W01B3TR ST24W01B5TR ST24W0 |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Cyclone FPGA 6K PQFP-240 I2C串行EEPROM MOSFET, N POWERPAKMOSFET, N POWERPAK; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:6.5A; Current, Idm pulse:40A; Power, Pd:1.5W; Resistance, Rds on:0.015R; SMD:1; 1000串行EEPROM128 × 8 MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:40A; Power, Pd:1.9W; Resistance, Rds on:15R; SMD:1; Charge, gate 000串行EEPROM28 × 8 IC FLEX 10K AKA FPGA I2C串行EEPROM SERIAL 1K 128 x 8 EEPROM 000串行EEPROM28 × 8 Stratix GX FPGA 10K 4-FBGA IC FLEX 10KA FPGA IC FLEX 6000 FPGA 24K 208-PQFP IC APEX 20KE FPGA 200K IC FLEX 10KB FPGA 100K IC APEX 20KE FPGA 400K (ST2xxx) SERIAL 1K 128 x 8 EEPROM From old datasheet system SERIAL 1K (128 x 8) EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
XC3330A-6PQ100C XC3390A-3PQ208C XC3330L-8PC44I XC3 |
FPGA, PQFP100 FPGA, PQFP208 FPGA, PQCC44 FPGA, PQFP64
|
XILINX INC
|
XC7K325T-1FBG676C XC7K325T-3FFG676C XC7K160T-1FBG4 |
FPGA, PBGA676 LEAD FREE, FBGA-676 FPGA, PBGA484 FPGA, PBGA900
|
XILINX INC
|
QL2003-0PL84C QL2003-0PF100C QL2003-0PF100I QL2003 |
Test fixture for axial lead components DSL transformer, for AD20MSP910/918, not RoHS 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA
|
Coilcraft, Inc.
|