PART |
Description |
Maker |
TC7662BEOA TC7662BCOA TC7662B TC7662BCPA TC7662BEP |
The TC7662B is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 15V input to a corresponding – 1.5 to – 15V output using only two low-cost capacitors, eliminating i Analog IC - Datasheet Reference CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
210-99-648-41-001 210-91-306-41-001 210-91-308-41- |
PWR SUP 250W 3.3/5/12/-12V QUAD 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/15V SGL 双列直插式插座封闭框架焊 Dual-in-line sockets Closed frame Solder tail 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/5V DUAL CONVERTER DC-DC 20W 12V/12V SGL CONVERTER DC-DC 20W 24V/15V DUAL Dual-in-linesocketsClosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
LTC3124-15 |
15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
|
Linear Technology
|
M57140-01 |
DC/DC CONVERTER, 15V,HYBRID,MODULE,14PIN From old datasheet system
|
Mitsubishi Electric & Electronics USA
|
LTC3129-15 |
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
|
Linear Technology
|
LTC3129-1-15 |
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
|
Linear Technology
|
LTC3129-1 |
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3μA Quiescent Current
|
Linear Technology
|
MI-27T-IV MI-27T-IW MI-27T-IX MI-27T-IY MI-27T-MV |
InputV:28V; outputV:24V; --W; 30A military DC-DC converter. For military applications InputV:270V; outputV:48V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:24V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W InputV:28V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:28V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:165V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:48V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W
|
http:// Vicor Corporation
|
DC-221R DC-218R DC-216R DC-215R DC-214R DC-212R DC |
1.8watt DC-DC converter, 500Vdc isolation, in=48V, out= /-12V 1.8watt DC-DC converter, 500Vdc isolation, in=48V, out=5V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out= /-12V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out=15V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out=12V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out= /-15V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out= /-12V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out=12V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out=5V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out= /-12V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out= /-5V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out=12V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out=5V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out=5V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out=9V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out=9V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out= /-15V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out= /-15V 1.8watt DC-DC converter, 500Vdc isolation, in=48V, out= /-15V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out= /-5V
|
YCL
|
IRG4RC10UD IRG4RC10UDTR IRG4RC10UDTRL IRG4RC10UDTR |
600V UltraFast 8-60 kHz Copack IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
|