PART |
Description |
Maker |
LPC2368FBD100 |
ARM7 with 512 kB flash, 58 kB SRAM, Ethernet, USB 2.0 Device, CAN, SD-MMC, and 10-bit ADC
|
NXP Semiconductors N.V.
|
LH28F800BGH-L LH28F800BGR-TL85 LH28F800BGR-TL12 LH |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 1800uF; Voltage: 4V; Case Size: 8x12 mm; Packaging: Bulk 8 M位(512 KB的16)SmartVoltage闪存 RES CURRENT SENSE .025 OHM 1W 1% 8 M位(512 KB的16)SmartVoltage闪存 8 M-bit (512 kB x 16) SmartVoltage Flash Memories 8 M位(512 KB的16)SmartVoltage闪存
|
http:// Sharp, Corp. Sharp Corporation Sharp Electrionic Compo...
|
SST39SF010 SST39SF010-70-4C-NH SST39SF010-70-4C-PH |
From old datasheet system x8 Flash EEPROM 512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
|
SST[Silicon Storage Technology, Inc]
|
P89C51RDJ P89C51RC P89C51RCIA P89C51RCIB P89C51RCI |
80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
Philips Semiconductors
|
S29WS-P07 S29WS512PABBAW000 S29WS256PABBAW000 S29W |
MirrorBit㈢ Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
|
SPANSION
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
AM29F040B-09 AM29F040B-90 AM29F040B-55EK AM29F040B |
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 55 ns, PDSO32 LEAD FREE, MO-142BD, TSOP-32
|
Spansion, Inc.
|
AM29BDD160GT54DKI AM29BDD160GB64CKI AM29BDD160GB65 |
16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 64 ns, PQFP80 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 67 ns, PQFP80 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位 M中的x 16-bit/512亩32位).5伏的CMOS只突发模式,双启动,同步写闪 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
AM29LV400BB-90DTE1 AM29LV400BB-90DTI1 AM29LV400BT- |
256K X 16 FLASH 3V PROM, 80 ns, UUC43 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC http:// AMD[Advanced Micro Devices]
|