PART |
Description |
Maker |
HYE18L256169BFX-7.5 HYB18L256169BFX HYB18L256169BF |
DRAMs for Mobile Applications 256-Mbit Mobile-RAM
|
Qimonda AG
|
HYE18L512320BF-7.5 HYB18L512320BF-7.5 |
DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
|
http:// Qimonda AG
|
BBS-15 BBS-1/4 BBS-2/10 BBS-1-8/10 BBS-10 BBS-1-6/ |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit DDR-II SRAM 2-Word Burst Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 36-Mbit QDR-II SRAM 4-Word Burst Architecture Fuse 256K (32K x 8) Static RAM 64/256/512/1K/2K/4K x 18 Synchronous FIFOs Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs Neuron® Chip Network Processor 64-Kbit (8K x 8) Static RAM 72-Mbit QDR™-II SRAM 2-Word Burst Architecture 保险
|
NXP Semiconductors N.V.
|
CY62138FLL-45SXI CY62138FLL-45SXIT |
2-Mbit (256 K 8) Static RAM
|
Cypress
|
FM22L16-55-TG |
4-Mbit (256 K 16) F-RAM Memory
|
Cypress
|
CY7C1010DV33-10ZSXIT |
2-Mbit (256 K 8) Static RAM
|
Cypress
|
FM22LD16-55-BGTR |
4-Mbit (256 K 16) F-RAM Memory
|
Cypress
|
SST30VR041 SST30VR041-150-C-U1 SST30VR041-500-C-WH |
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo 4兆位光盘1兆位/ 256千位的SRAM ROM / RAM内存组合
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc. SST[Silicon Storage Technology, Inc]
|
AM42DL3244GB25IT AM42DL3234GB25IT AM42DL3224GB25IT |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位56亩16位),静态存储器
|
Advanced Micro Devices, Inc.
|
IC42S16160 IC42S16160-7TIG IC42S16160-6TG IC42S161 |
4M x 16Bit x 4 Banks (256-MBIT) SDRAM DYNAMIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
SST31LF043A-70-4C-WI SST31LF041-300-4E-WH SST31LF0 |
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位的SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PDSO32 XTAL MTL SMT HC49/USM 4 Mbit闪存1兆位56千位的SRAM ComboMemory XTAL CER SMT 7X5 2PAD 16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 DIODE SWITCH 75V 350MW SOT-23 RECTIFIER SCHOTTKY SINGLE 5A 60V 175A-Ifsm 0.7Vf 0.5A-IR SMC 3K/REEL
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
HYE25L256160AC-7.5 HYE25L256160AF-7.5 HYB25L256160 |
256-MBit Mobile-RAM 16M X 16 SYNCHRONOUS DRAM, 7.5 ns, PBGA54 12 X 8 MM, GREEN, PLASTIC, TFBGA-54 16M X 16 SYNCHRONOUS DRAM, 7.5 ns, PBGA54 12 X 8 MM, PLASTIC, TFBGA-54
|
Qimonda AG
|