PART |
Description |
Maker |
SY89112U SY89113UMGTR |
2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination 2.5V的低抖动,低偏移1:12 LVDS扇出缓冲器的2:1输入MUX和Intermal终止 2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination 89113 SERIES, LOW SKEW CLOCK DRIVER, 12 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), QCC44
|
Micrel Semiconductor, Inc.
|
ICS84329B-01 ICS84329-01B ICS84329BV-01T ICS84329B |
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER From old datasheet system 700MHz, Low Jitter, LVPECL Frequency Synthesizer
|
ICST[Integrated Circuit Systems]
|
2SC5590 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY COLOR TV FOR MULTI .MEDIA & HDTV HIG
|
TOSHIBA
|
MAX9180 |
"400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package"
|
MAXIM - Dallas Semiconductor
|
NB3V8312C |
Ultra-Low Jitter, Low Skew 1:12 LVCMOS/LVTTL Fanout Buffer
|
ON Semiconductor
|
SI5315B-C-GM SI5315A-C-GM |
SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
|
Silicon Laboratories
|
AK8160B2 |
Low Power & Low Jitter Clock Generator for PCI Express
|
Asahi Kasei Microsystem...
|
MAX338 MAX3385E MAX3385ECAP MAX3385ECWN MAX3385EEA |
2.35V to 5.5V / 1A / 2Tx/2Rx RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins LINE TRANSCEIVER, PDSO20 15kV ESD-Protected / 3.0V to 5.5V / Low-Power / up to 250kbps / True RS-232 Transceiver ±15kV ESD-Protected, 3.0 to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,up to 250kbps, True RS-232 Transceiver 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
SXGPON155 |
3.3V CMOS Low-Jitter 155.52 MHz GPON XO 3.3V CMOS Low-Jitter 155.52 MHz GPON XO
|
Pericom Semiconductor Corporation
|
SY89112U SY89113UMGTR SY89113U SY89113UMG |
2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination From old datasheet system
|
MICREL[Micrel Semiconductor]
|
ICS87004I ICS87004 |
Low Skew, Low Jitter, 1-to-4, Clock Generator/Zero Delay Buffer. This device can also be set to multiply or divide by 1, 2, 4, 8. From old datasheet system
|
ICS
|
746LT3 738BT3 738LT4 746LT1 746LT2 746BT4 730BT1 7 |
Low-Jitter, 8kHz Reference Clock Synthesizer Outputs 35.328MHz LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver 4-Port LVDS and LVTTL-to-LVDS Repeaters High-Precision Clock Generators with Integrated VCXO Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators 模拟IC Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators 模拟IC Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators 模拟IC
|
Aavid Thermalloy, LLC Renesas Electronics, Corp. Vishay Intertechnology, Inc.
|