PART |
Description |
Maker |
2N6796LCC4 |
N-Channel Power MOSFET(Vdss00VId(cont).4A,Rds(on).18ΩN沟道功率型MOS场效应管(Vdss00VId(cont).4A,Rds(on).18Ω
|
SEME-LAB[Seme LAB]
|
IRF9130SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
SML80H12 SML100H11 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):11.5A,Rds(on):0.67Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):11.5A,Rds(on):0.67Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
IRF054SMD |
N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
|
SemeLAB Seme LAB International Rectifier http://
|
NDH8436 |
Length/Height 1.02 mm Width 4.55 mm Depth 4.06 mm Power dissipation 1.8 W Transistor polarity N Channel Current Id cont. 5.8 A Voltage Vgs th max. 4.5 V Voltage Vds max 30 V N-Channel Enhancement Mode Field Effect Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
SIC413CB-T1-E3 SI9175DH-T1 MAX8643 |
Switching Converters, Regulators & Controllers 4.0A 4.75-26V Built-In PWM Cont Learn More DC/DC Switching Controllers 600mA CMOS PWM/PSM Buck Converter 3A, 2MHz Step-Down Regulator with Integrated Switches 3AMHz、降压型调节器,内置开
|
KOA Speer Electronics,Inc. NXP Semiconductors N.V. Maxim Integrated Products, Inc.
|
SST5460 SST5462 SST5461 2N5462 2N5460 2N5461 |
P-CHANNEL JFETS MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:6.2A; Current, Idm pulse:30A; Power, Pd:1.5W; Resistance, Rds on:0.024R; SMD:1; Charge, gate
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
54104-3292 |
0.5 FPC Conn Zif Hsg Assy for SMT RA Upr Cont
|
Molex Electronics Ltd.
|
0533980467 0533980267 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
AP1501A AP1501A-12 AP1501A-12K5 AP1501A-12K5A AP15 |
Adj, 150 Khz, 5 A PWM buck DC/DC converter 150Khz, 5A PWM Buck DC/DC Converter IR Emitting Diode; Mounting Type:Through Hole; LED Color:Clear; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Clear; Lens Style:(H x Dia) 8.7 x 5.8 mm; Voltage Rating:5V IR Emitting Diode; LED Color:Infrared; Mounting Type:Through Hole; Terminal Type:3 Pin Leaded; Color:Infrared; Lens Style:(H x Dia) 12.5 x 10.0 mm; Voltage Rating:5.5V Leaded Process Compatible: Yes IR Emitting Diode; Mounting Type:Through Hole; LED Color:Blue Gray; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Blue Gray; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:0.185A; Resistance, Rds on:6R; Voltage, Vgs Rds on measurement:10V; Case style:SOT-23 (TO-236); Current, Id max:0.185A; Current, Idm pulse:.8A; Marking, SMD:6K; Pins, No. RoHS Compliant: Yes MOSFET, P SOT-23MOSFET, P SOT-23; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SOT-23; Current, Id cont:0.58A; Current, Idm pulse:2A; Power, Pd:0.35W; Resistance, Rds on:0.65R; SMD:1; Current, Id MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-385mA; On-Resistance, Rds(on):1.4ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-236; Drain Source On Resistance @ 10V:1.4ohm IR Emitting Diode; Mounting Type:Through Hole; LED Color:Infrared; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Infrared; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,270MA I(D),TO-226AA RoHS Compliant: Yes IR EMITTER; Wavelength, typ:950nm; Current, forward If:5mA; Angle, viewing:90(degree); Temperature, operating range:-25(degree C) to (degree C) RoHS Compliant: Yes MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-580mA; On-Resistance, Rds(on):650mohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23
|
ANACHIP[Anachip Corp]
|
ADUM5401ARWZ1 ADUM5401ARWZ2 ADUM5401CRWZ1 ADUM5401 |
Quad-Channel Isolators with Integrated DC-to-DC Converter Quad-Channel Isolators with Integrated DC/DC Converter; No of Pins: 16; Temperature Range: Industrial SPECIALTY ANALOG CIRCUIT, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
|